Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC02 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC02
Description  PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC02 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC02 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TC02
TC03
PRELIMINARY INFORMATION
PRECISION TEMPERATURE-
TO -VOLTAGE CONVERTERS
TC02/03-04
6/18/97
TC02
TC03
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
Output
Voltage
Part No.
Package
At 25
°C
Temp. Range
TC02VNB
*SOT-23B-3
750mV
– 20
°C to +125°C
TC02VZB
TO-92
750mV
– 20
°C to +125°C
TC03VNB
*SOT-23B-3
250mV
– 20
°C to +100°C
TC03VZB
TO-92
250mV
– 20
°C to +100°C
NOTE: *SOT-23B-3 is equivalent to JEDEC (TO-236)
.
PIN CONFIGURATION
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
FEATURES
s
Linearized Temperature-to-Voltage Converters
s
Direct Centigrade Output Voltage Scaling (TC03)
s
Wide Temperature Measurement
Range (TC02) ............................... – 20
°C to +125°C
s
Excellent Temperature Converter Linearity .. 0.8
°C
Over Temperature
s
High Temperature Converter Accuracy ..........
±2°C
at 25
°C Guaranteed
s
Small Packages ................ TO-92-3 and SOT-23B-3
APPLICATIONS
s
Power Supply Thermal Shut-Down
s
Temperature-Controlled Fans
s
Temperature Measurement/Instrumentation
s
Temperature Regulators
s
Consumer Electronics
GENERAL DESCRIPTION
The TC02/03 temperature sensors furnish a linearized
output voltage directly proportional to measured tempera-
ture. The TC03 has a temperature measurement range of
– 20
°C to +100°C. Its output voltage is directly calibrated in
degrees Centigrade (i.e. VOUT = 10mV/°C x Temperature
°C). An external pull-down resistor to a negative voltage
source is required for temperature measurement below
0
°C.
The TC02 has a temperature measurement range of
– 20
°C to +125°C, and operates with a single supply. It has
the same output voltage slope with temperature as the
TC03 (10mV/
°C). The output voltage range is 300mV at
– 20
°C to 1,750mV at +125°C.
Small size, low cost and low power operation make the
TC02/03 suitable for a wide range of general purpose
temperature measurement applications.
VCC
VOUT
GND
TC02VNB
TC03VNB
TC02VZB
TC03VZB
1
1
2
2
3
3
TC03
VCC = 2.2V to 12V
VCC
VOUT
GND
MICROCONTROLLER
A/D
CONVERTER
*SOT-23B-3
(Top View)
TO-92-3
TelCom Semiconductor reserves the right to make changes in the circuitry and specifications of its devices.
NOTE: *SOT-23B-3 is equivalent
to JEDEC (TO-236)


Similar Part No. - TC02

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0200A TAI-SAW-TC0200A Datasheet
317Kb / 4P
SAW Resonator 622.080 MHz SMD 3.8X3.8 mm
TC0201A TAI-SAW-TC0201A Datasheet
313Kb / 4P
SAW Resonator 433.920 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
TC0201A GOLLEDGE-TC0201A Datasheet
79Kb / 4P
433.920 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0202A TAI-SAW-TC0202A Datasheet
214Kb / 3P
SAW Resonator 315 MHz
TC0203A TAI-SAW-TC0203A Datasheet
246Kb / 3P
SAW Resonator 433.420 MHz TO39
More results

Similar Description - TC02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
TelCom Semiconductor, I...
TC1023 TELCOM-TC1023 Datasheet
134Kb / 6P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
logo
Microchip Technology
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
Precision Temperature-to-Voltage Converter
2002
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
Precision Temperature-to-Voltage Converter
2006
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
High Precision Temperature-to-Voltage Converter
11/29/12
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
Precision Temperature-to-Voltage Converter
04/20/05
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com