Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2979 Datasheet (PDF) - Adafruit Industries

2979 Datasheet PDF - Adafruit Industries
Part # 2979
Download  2979 Download
File Size   83.91 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Stranded-Core Wire Spool - 25ft - 22AWG - Green

2979 Datasheet (PDF)

Go To PDF Page Download Datasheet
2979 Datasheet PDF - Adafruit Industries

Part # 2979
Download  2979 Click to download

File Size   83.91 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Stranded-Core Wire Spool - 25ft - 22AWG - Green

2979 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 2979

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2979 KR-2979 Datasheet
95Kb / 3P
300 MHz Bandpass Filter
2979-SMA KR-2979-SMA Datasheet
71Kb / 3P
300 MHz Bandpass Filter
logo
PHOENIX CONTACT
2979469 PHOENIX-2979469 Datasheet
83Kb / 6P
Active module - UMK- 8 RM/MR-G24/ 1/PLC
2979472 PHOENIX-2979472 Datasheet
129Kb / 6P
Active module - UMK-32 RM/MR-G24/1/PLC
2979485 PHOENIX-2979485 Datasheet
140Kb / 4P
UMK- 8 RM/KSR-G 24/21/PLC
More results


Similar Description - 2979

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-VPVLE10 ALLEN-BRADLEY-440T-VPVLE10 Datasheet
89Kb / 1P
Valve Lock, 3 Port Spool
logo
Ralston Instruments.
DPPV-0025 RALSTON-DPPV-0025 Datasheet
276Kb / 1P
DPPV Pressure / vacuum spool valve assembly, brass
logo
General Cable Technolog...
C1362 GENERAL-C1362 Datasheet
55Kb / 1P
2C 22AWG PVC PARALLEL
logo
Tripp Lite. All Rights ...
N02001KGY TRIPPLITE-N02001KGY Datasheet
485Kb / 2P
Cat5e 350MHz Bulk Stranded-Core PVC Cable - Gray, 1000-ft
logo
List of Unclassifed Man...
85409-0038 ETC2-85409-0038 Datasheet
104Kb / 1P
Cable 22AWG
85409-0039 ETC2-85409-0039 Datasheet
129Kb / 1P
Cable 22AWG
logo
Japan Aviation Electron...
IL-Y-C3-A-10000 JAE-IL-Y-C3-A-10000 Datasheet
127Kb / 1P
APPLICABLE WIRE:#26~$30AWG, STRANDED
logo
Schneider Electric
WISEREMCTEXT25 SCHNEIDER-WISEREMCTEXT25 Datasheet
74Kb / 1P
WISER ENERGY 25FT CT EXTENSION
Apr 6, 2020
logo
CnC Tech, LLC
54025-2022 CNC-54025-2022 Datasheet
98Kb / 1P
Wire To Board Housing Terminal, 2.5mm, 20-22AWG, Front Lock
17-nov-2020
logo
Molex Electronics Ltd.
0639036500 MOLEX-0639036500 Datasheet
33Kb / 1P
FineAdjust Applicator for EconoLatch Crimp Terminals, Optimized for 22AWG, UL1061 wire
08/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com