Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2979-SMA Datasheet (PDF) - KR Electronics, Inc.

2979-SMA Datasheet PDF - KR Electronics, Inc.
Part # 2979-SMA
Download  2979-SMA Download
File Size   71.15 Kbytes
Page   3 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 300 MHz Bandpass Filter

2979-SMA Datasheet (PDF)

Go To PDF Page Download Datasheet
2979-SMA Datasheet PDF - KR Electronics, Inc.

Part # 2979-SMA
Download  2979-SMA Click to download

File Size   71.15 Kbytes
Page   3 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 300 MHz Bandpass Filter

2979-SMA Datasheet (HTML) - KR Electronics, Inc.




Similar Part No. - 2979-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2979 KR-2979 Datasheet
95Kb / 3P
300 MHz Bandpass Filter
logo
Adafruit Industries
2979 ADAFRUIT-2979 Datasheet
83Kb / 1P
Stranded-Core Wire Spool - 25ft - 22AWG - Green
logo
PHOENIX CONTACT
2979469 PHOENIX-2979469 Datasheet
83Kb / 6P
Active module - UMK- 8 RM/MR-G24/ 1/PLC
2979472 PHOENIX-2979472 Datasheet
129Kb / 6P
Active module - UMK-32 RM/MR-G24/1/PLC
2979485 PHOENIX-2979485 Datasheet
140Kb / 4P
UMK- 8 RM/KSR-G 24/21/PLC
More results


Similar Description - 2979-SMA

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
SF0300BA01973S ICST-SF0300BA01973S Datasheet
142Kb / 2P
300 MHz Filter
Rev 1.1
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Spectrum Microwave, Inc...
SF0300BA01973S SPECTRUM-SF0300BA01973S Datasheet
149Kb / 2P
300 MHz Filter
logo
API Technologies Corp
SF0300BA01973S APITECH-SF0300BA01973S Datasheet
149Kb / 2P
300 MHz Filter
logo
KR Electronics, Inc.
2979 KR-2979 Datasheet
95Kb / 3P
300 MHz Bandpass Filter
3112 KR-3112 Datasheet
57Kb / 3P
300 MHz Bandpass Filter
3218-300-SMA KR-3218-300-SMA Datasheet
99Kb / 3P
300 MHz Bandpass Filter
3245 KR-3245 Datasheet
150Kb / 3P
300 MHz Bandpass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com