Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA25 Datasheet (PDF) - STMicroelectronics

BTA25 Datasheet PDF - STMicroelectronics
Part # BTA25
Download  BTA25 Download
File Size   137.74 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25A TRIACS

BTA25 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA25 Datasheet PDF - STMicroelectronics

Part # BTA25
Download  BTA25 Click to download

File Size   137.74 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25A TRIACS

BTA25 Datasheet (HTML) - STMicroelectronics


BTA25 Product details

Description
Available either in through-hole or surface-mount packages, the BTA24, BTB24, BTA25, BTA26 and T25triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ...

The snubberless versions (BTA/BTB...W and T25 series) are specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500VRMS) complying with UL standards (File ref.: E81734).
   




Similar Part No. - BTA25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA25 STMICROELECTRONICS-BTA25 Datasheet
133Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA25 STMICROELECTRONICS-BTA25 Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA25 STMICROELECTRONICS-BTA25 Datasheet
142Kb / 12P
25 A standard and Snubberless™ triacs
05-Jul-2007
BTA25 STMICROELECTRONICS-BTA25 Datasheet
191Kb / 10P
800 V and 600 V, 25 A standard Triacs in RD91 package
03-Aug-2021
logo
Shenzhen Luguang Electr...
BTA25 LUGUANG-BTA25 Datasheet
3Mb / 6P
25A Ⅲ&ⅣSERIES TRIACS
Revision:20230619-P1
More results


Similar Description - BTA25

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
25A TRIACS
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
25A TRIACS
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
25A TRIACS
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
25A TRIACS
BTA26-600B TGS-BTA26-600B Datasheet
66Kb / 1P
25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
25A TRIACS
logo
Unisonic Technologies
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
25A TRIACS
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
25A TRIACS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com