Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27952 Datasheet (PDF) - Texas Instruments

LM27952 Datasheet PDF - Texas Instruments
Part # LM27952
Download  LM27952 Download
File Size   1062.63 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver

LM27952 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM27952 Datasheet PDF - Texas Instruments

Part # LM27952
Download  LM27952 Click to download

File Size   1062.63 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver

LM27952 Datasheet (HTML) - Texas Instruments


LM27952 Product details

1FEATURES
2• Drives up to 4 LEDs with up to 30mA each
• Regulated current sources with 0.2%(typ.)
matching
• 3/2x, 1x Gain transition based on LED VF
• Peak Efficiency Over 85%
• Input Voltage Range: 3.0V to 5.5V
• PWM Brightness Control
• Very Small Solution Size - NO INDUCTOR
• Fixed 750kHz Switching Frequency
• <1μA Shutdown Current
• 14-pin WSON Package: 4.0mm X 3.0mm X
0.8mm

APPLICATIONS
• White LED Display Backlights
• White LED Keypad Backlights
• General Purpose LED Lighting

DESCRIPTION
The LM27952 is a switched capacitor white-LED
driver capable of driving up to 4 LEDs with 30mA
through each LED. Its 4 tightly regulated current sinks
ensure excellent LED current and brightness
matching. LED drive current is programmed by an
external sense resistor. The LM27952 operates over
an input voltage range from 3.0V to 5.5V and requires
only four low-cost ceramic capacitors.
The LM27952 provides excellent efficiency without
the use of an inductor by operating the charge pump
in a gain of 3/2, or in a gain of 1. Maximum efficiency
is achieved over the input voltage range by actively
selecting the proper gain based on the LED forward
voltage requirements.




Similar Part No. - LM27952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
National Semiconductor ...
LM27952SD NSC-LM27952SD Datasheet
521Kb / 8P
White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952SD/NOPB TI1-LM27952SD/NOPB Datasheet
1,004Kb / 17P
LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
National Semiconductor ...
LM27952SDX NSC-LM27952SDX Datasheet
521Kb / 8P
White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results


Similar Description - LM27952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Anpec Electronics Corop...
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
Texas Instruments
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com