Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3492 Datasheet (PDF) - Texas Instruments

LM3492 Datasheet PDF - Texas Instruments
Part # LM3492
Download  LM3492 Download
File Size   1057.71 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3492/-Q1 Two-Channel Individual Dimmable LED Driver With Boost Converter and Fast Current Regulator

LM3492 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3492 Datasheet PDF - Texas Instruments

Part # LM3492
Download  LM3492 Click to download

File Size   1057.71 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3492/-Q1 Two-Channel Individual Dimmable LED Driver With Boost Converter and Fast Current Regulator

LM3492 Datasheet (HTML) - Texas Instruments


LM3492 Product details

1 Features
• Boost Converter:
– LM3492-Q1 is an Automotive Grade Product
That is AEC Q100 Grade 1 Qualified
– Very Wide Input Voltage Ranged
From 4.5 V to 65 V
– Programmable Soft Start
– No Loop Compensation Required
– Stable With Ceramic and Other Low ESR
Capacitors With No Audible Noise
– Nearly Constant Switching Frequency
Programmable From 200 kHz to 1 MHz
• Current Regulators:
– Programmable LED Current from 50 mA to
200 mA
– 1000:1 Contrast Ratio at a Dimming
Frequency of More Than 3 kHz, Minimum LED
Current Pulse Width is 300 ns
– Two Individual Dimmable LED Strings up to
65 V, Total 15 W (Typically 28 LEDs at
150 mA)
– Dynamic Headroom Control Maximizes
Efficiency
– Over-Power Protection
– ±3% Current Accuracy
• Supervisory Functions:
– Precision Enable
– COMM I/O Pin for Diagnostic and Commands
– Thermal Shutdown Protection
– Thermally Enhanced 20-Pin HTSSOP package

2 Applications
• Ultra-High Contrast Ratio 6.5”-10” LCD Display
Backlight up to 28 LEDs
• Automotive or Marine GPS Displays

3 Description
The LM3492/-Q1 integrates a boost converter and a
two-channel current regulator to implement a high
efficient and cost effective LED driver for driving two
individually dimmable LED strings with a maximum
power of 15 W and an output voltage of up to 65 V.
The boost converter employs a proprietary Projected-
On-Time control method to give a fast transient
response with no compensation required, and a
nearly constant switching frequency programmable
from 200 kHz to 1 MHz. The application circuit is
stable with ceramic capacitors and produces no
audible noise on dimming. The programmable peak
current limit and soft-start features reduce current
surges at start-up, and an integrated 190 mΩ, 3.9-A
N-Channel MOSFET switch minimizes the solution
size.




Similar Part No. - LM3492

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3492 NSC-LM3492 Datasheet
607Kb / 8P
Evaluation Board Reference Design integrates a boost converter
logo
Texas Instruments
LM3492 TI-LM3492 Datasheet
1Mb / 24P
Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
Two-Channel Individual Dimmable LED Driver
LM3492-Q1 TI1-LM3492-Q1 Datasheet
1Mb / 24P
Two-Channel Individual Dimmable LED Driver
More results


Similar Description - LM3492

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
Three-Channel-Two-Channel Boost LED Driver
logo
STMicroelectronics
ALED6001 STMICROELECTRONICS-ALED6001 Datasheet
460Kb / 26P
Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
November 2015 Rev 2
logo
Texas Instruments
LM3492HC-Q1 TI1-LM3492HC-Q1 Datasheet
1Mb / 29P
Two-Channel, Individual Dimmable LED Driver
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
Two-Channel Individual Dimmable LED Driver
logo
STMicroelectronics
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
PWM-dimmable single channel LED driver with integrated boost controlle
26-Jun-2014
logo
Diodes Incorporated
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
Rev 1
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
Dimmable constant current LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com