Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6001 Datasheet (PDF) - STMicroelectronics

LED6001 Datasheet PDF - STMicroelectronics
Part # LED6001
Download  LED6001 Download
File Size   559.57 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PWM-dimmable single channel LED driver with integrated boost controlle

LED6001 Datasheet (PDF)

Go To PDF Page Download Datasheet
LED6001 Datasheet PDF - STMicroelectronics

Part # LED6001
Download  LED6001 Click to download

File Size   559.57 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PWM-dimmable single channel LED driver with integrated boost controlle

LED6001 Datasheet (HTML) - STMicroelectronics


LED6001 Product details

Description
The LED6001 device is a LED driver that combines a boost controller and a high-side current sensing circuitry optimized for driving one string of high-brightness LEDs. The device is compatible with multiple topologies such as boost, SEPIC and floating load buck-boost. The brightness of the LEDs can be controlled through PWM dimming and analog dimming (10:1 ratio) by means of two independent pins. Enhanced PWM dimming can be obtained thanks to a MOSFET in series with the LED string and directly driven by a dedicated pin.

Features
• Switching controller section
    – 5.5 V to 36 V input voltage range
    – Very low shutdown current: ISHDN < 10 µA
    – Internal +5 V LDO for gate driver supply
    – Internal +3.3 V LDO for device supply
    – Fixed frequency peak current mode control
    – Adjustable (100 kHz to 1 MHz) switching frequency
    – External synchronization for multi-device applications
    – High performance external MOSFET driver
    – Cycle-by-cycle external MOSFET OCP
    – Fixed internal soft-start
    – Programmable output OVP
    – Boost, buck-boost and SEPIC topologies supported
    – Thermal shutdown with autorestart
    – Output short-circuit detection
• LED control section
    – Up to 60 V output voltage
    – Constant current control loop
    – High-side output current sensing circuitry
    – 30 to 300 mV differential sensing voltage
    – ± 4% output current reference accuracy
    – Output overcurrent protection
    – Sensing resistor failure protection
    – PWM dimming with auxiliary series switch
    – Analog dimming

Applications
• Indoor and architectural LED lighting
• Emergency LED lighting
• Off-grid LED street lighting
• White goods
• Gaming/gambling machines




Similar Part No. - LED6001

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED600-03 ROITHNER-LED600-03 Datasheet
505Kb / 3P
orange light emitting diode
logo
STMicroelectronics
LED6000 STMICROELECTRONICS-LED6000 Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
LED6000PHR STMICROELECTRONICS-LED6000PHR Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
LED6000PHTR STMICROELECTRONICS-LED6000PHTR Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
More results


Similar Description - LED6001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3448 TI1-LM3448 Datasheet
1Mb / 43P
Phase Dimmable Offline LED Driver with Integrated FET
logo
STMicroelectronics
ALED6001 STMICROELECTRONICS-ALED6001 Datasheet
460Kb / 26P
Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
November 2015 Rev 2
logo
ON Semiconductor
LV52204MU ONSEMI-LV52204MU Datasheet
522Kb / 16P
LED Boost Driver with PWM
May, 2014
logo
Diodes Incorporated
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
Rev 1
logo
Maxic Technology Corpor...
MT7864 MAXIC-MT7864 Datasheet
185Kb / 1P
PWM Dimmable APFC BUCK LED Driver
MT7865 MAXIC-MT7865 Datasheet
185Kb / 1P
PWM Dimmable APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
PWM Dimmable Buck LED Driver
logo
Maxic Technology Corpor...
MT7860 MAXIC-MT7860 Datasheet
185Kb / 1P
PWM/Analog Dimmable APFC BUCK LED Driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
PWM dimmable LED constant current driver
logo
Maxic Technology Corpor...
MT7862 MAXIC-MT7862 Datasheet
106Kb / 1P
PWM Dimmable APFC BUCK LED Driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com