Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6001 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LED6001
Description  PWM-dimmable single channel LED driver with integrated boost controlle
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6001 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LED6001 Datasheet HTML 6Page - STMicroelectronics LED6001 Datasheet HTML 7Page - STMicroelectronics LED6001 Datasheet HTML 8Page - STMicroelectronics LED6001 Datasheet HTML 9Page - STMicroelectronics LED6001 Datasheet HTML 10Page - STMicroelectronics LED6001 Datasheet HTML 11Page - STMicroelectronics LED6001 Datasheet HTML 12Page - STMicroelectronics LED6001 Datasheet HTML 13Page - STMicroelectronics LED6001 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical characteristics
LED6001
10/26
DocID025575 Rev 3
Power consumption
IVIN,SHDN Shutdown current
VIN = 16 V, PWMI low,
-40 °C
TJ 25 °C
14
10
A
VIN = 16 V, PWMI low,
25 °C
TJ 125 °C
19
25
IVIN,Q
Quiescent current
VIN = 16 V, PWMI to LDO3,
-40 °C
TJ 125 °C
switching off-time
11.7
mA
IVIN,ON
Operating current
VIN = 16 V, PWMI high,
fSW = 200 kHz, CL = 3.3 nF
57
Boost controller
tON,min
Minimum switching on-time
Pulse skipping mode
140
180
ns
KFSW
Switching frequency constant
RFSW = 250 k
45
50
55
MHz
k
fSW
Adjustable switching frequency
RFSW = 500 k
90
100
110
kHz
RFSW = 250 k
180
200
220
RFSW = 50 k
900
1000 1100
Fixed switching frequency
FSW pin high (LDO3)
500
600
700
Synchronization signal frequency
capture range
tCLK,H = 250 ns,
VCLK,L = 0.8 V, VCLK,H = 3.0 V
100
1000
FSW synchronization input high level
fCLK = 100 kHz to 1 MHz,
tCLK,H = 250 ns
2.8
V
FSW synchronization input low level
0.5
Synchronization input high level pulse
width
fCLK = 100 kHz to 1 MHz,
VCLK,L = 0.5 V, VCLK,H = 2.8 V
250
ns
RGATE
Power switch gate driver output
resistance
Pull-up
3
6
Pull-down
1
3
tr,GATE
Power switch gate driver rise time
(20 to 80%)
VVDR = 5 V, CL = 3.3 nF
15
30
ns
tf,GATE
Power switch gate driver fall time
(80 to20%)
714
tSS
Internal soft-start duration
2.9
3.5
4.5
ms
KS
Slope compensation constant
3
5
7
A/s
VCSNS,OCP Power switch OCP detection threshold
CSNS pin to PGND
300
360
400
mV
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com