Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6001 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LED6001
Description  PWM-dimmable single channel LED driver with integrated boost controlle
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6001 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LED6001 Datasheet HTML 4Page - STMicroelectronics LED6001 Datasheet HTML 5Page - STMicroelectronics LED6001 Datasheet HTML 6Page - STMicroelectronics LED6001 Datasheet HTML 7Page - STMicroelectronics LED6001 Datasheet HTML 8Page - STMicroelectronics LED6001 Datasheet HTML 9Page - STMicroelectronics LED6001 Datasheet HTML 10Page - STMicroelectronics LED6001 Datasheet HTML 11Page - STMicroelectronics LED6001 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Recommended operating conditions
LED6001
8/26
DocID025575 Rev 3
5
Recommended operating conditions
Table 5. Recommended operating conditions
Symbol
Parameter
Conditions
Min.
Max. Unit
DC characteristics
VVIN
Supply input voltage range
5.5
36
V
VVDR
VDR pin Input voltage range
VDR and VIN shorted together
4.7
5.5
VVFBx
Feedback input common mode
voltage range
4.4
60
VFB
Feedback input differential mode
voltage range
VFBP to VFBN
30
300
mV
AC characteristics
fsw
Switching frequency
100
1000
kHz
fPWMI
Dimming frequency
0.1
20
tPWMI,en
Minimum PWMI pulse duration for
device enable (turn on)
PWMI input, fSW = 800 kHz
100
µs
tPWMI,dim
Minimum dimming on-time
PWMI input, fSW = 1 MHz
6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com