Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6001 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LED6001
Description  PWM-dimmable single channel LED driver with integrated boost controlle
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6001 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LED6001 Datasheet HTML 11Page - STMicroelectronics LED6001 Datasheet HTML 12Page - STMicroelectronics LED6001 Datasheet HTML 13Page - STMicroelectronics LED6001 Datasheet HTML 14Page - STMicroelectronics LED6001 Datasheet HTML 15Page - STMicroelectronics LED6001 Datasheet HTML 16Page - STMicroelectronics LED6001 Datasheet HTML 17Page - STMicroelectronics LED6001 Datasheet HTML 18Page - STMicroelectronics LED6001 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
DocID025575 Rev 3
15/26
LED6001
Device description
26
In LED6001 the slope compensation is achieved by injecting a sawtooth current into the
CSNS pin. Therefore the voltage across the CSNS pin is given by:
Equation 1
vCSNS (t) = iMOS (t) RSHUNT + iSL (t) RCSNS
The RSNS resistor is usually designed so that the peak voltage is about 15% of the
overcurrent threshold at the CSNS pin in order to have a good S/N ratio, while the RSLOPE
resistor is calculated for the desired slope compensation amount (typically at least half the
downslope of the inductor current during the switching off-time):
Equation 2
Equation 3
Where ISL = 50 µA is the maximum current injected by the slope compensation circuitry in
the CSNS pin.
Figure 6. Power switch current sensing scheme
RSNS
50mV
IL PEAK
--------------------
RSLOPE
VOUT V
–
IN min
fSW  L
----------------------------------------
RSNS
ISL
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com