Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LED6001
Description  PWM-dimmable single channel LED driver with integrated boost controlle
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6001 Datasheet(HTML) 1 Page - STMicroelectronics

  LED6001 Datasheet HTML 1Page - STMicroelectronics LED6001 Datasheet HTML 2Page - STMicroelectronics LED6001 Datasheet HTML 3Page - STMicroelectronics LED6001 Datasheet HTML 4Page - STMicroelectronics LED6001 Datasheet HTML 5Page - STMicroelectronics LED6001 Datasheet HTML 6Page - STMicroelectronics LED6001 Datasheet HTML 7Page - STMicroelectronics LED6001 Datasheet HTML 8Page - STMicroelectronics LED6001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This is information on a product in full production.
June 2014
DocID025575 Rev 3
1/26
LED6001
PWM-dimmable single channel LED driver with integrated boost
controller
Datasheet
- production data
Features
 Switching controller section
– 5.5 V to 36 V input voltage range
– Very low shutdown current: ISHDN < 10 µA
– Internal +5 V LDO for gate driver supply
– Internal +3.3 V LDO for device supply
– Fixed frequency peak current mode control
– Adjustable (100 kHz to 1 MHz) switching
frequency
– External synchronization for multi-device
applications
– High performance external MOSFET driver
– Cycle-by-cycle external MOSFET OCP
– Fixed internal soft-start
– Programmable output OVP
– Boost, buck-boost and SEPIC topologies
supported
– Thermal shutdown with autorestart
– Output short-circuit detection
 LED control section
– Up to 60 V output voltage
– Constant current control loop
– High-side output current sensing circuitry
– 30 to 300 mV differential sensing voltage
– ± 4% output current reference accuracy
– Output overcurrent protection
– Sensing resistor failure protection
– PWM dimming with auxiliary series switch
– Analog dimming
Applications
 Indoor and architectural LED lighting
 Emergency LED lighting
 Off-grid LED street lighting
 White goods
 Gaming/gambling machines
Description
The LED6001 device is a LED driver that
combines a boost controller and a high-side
current sensing circuitry optimized for driving one
string of high-brightness LEDs. The device is
compatible with multiple topologies such as
boost, SEPIC and floating load buck-boost. The
brightness of the LEDs can be controlled through
PWM dimming and analog dimming (10:1 ratio)
by means of two independent pins. Enhanced
PWM dimming can be obtained thanks to
a MOSFET in series with the LED string and
directly driven by a dedicated pin.
The high-side current sensing, in combination
with a P-channel MOSFET, provides an effective
protection in case the positive terminal of the LED
string is shorted to ground. The high precision
current sensing circuitry allows a LED current
regulation reference within
4% accuracy over
the whole temperature range and production
spread.
A fault output (open-drain) informs the host
system about faulty conditions: device
overtemperature, output overvoltage
(disconnected LED string) and LED overcurrent.
HTSSOP-16
Table 1. Device summary
Order code
Package
Packaging
LED6001
HTSSOP-16
(exposed pad)
Tube
LED6001TR
Tape and reel
www.st.com


Similar Part No. - LED6001

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED600-03 ROITHNER-LED600-03 Datasheet
505Kb / 3P
orange light emitting diode
logo
STMicroelectronics
LED6000 STMICROELECTRONICS-LED6000 Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
LED6000PHR STMICROELECTRONICS-LED6000PHR Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
LED6000PHTR STMICROELECTRONICS-LED6000PHTR Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
More results

Similar Description - LED6001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3448 TI1-LM3448 Datasheet
1Mb / 43P
Phase Dimmable Offline LED Driver with Integrated FET
logo
STMicroelectronics
ALED6001 STMICROELECTRONICS-ALED6001 Datasheet
460Kb / 26P
Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
November 2015 Rev 2
logo
ON Semiconductor
LV52204MU ONSEMI-LV52204MU Datasheet
522Kb / 16P
LED Boost Driver with PWM
May, 2014
logo
Diodes Incorporated
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
Rev 1
logo
Maxic Technology Corpor...
MT7864 MAXIC-MT7864 Datasheet
185Kb / 1P
PWM Dimmable APFC BUCK LED Driver
MT7865 MAXIC-MT7865 Datasheet
185Kb / 1P
PWM Dimmable APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
PWM Dimmable Buck LED Driver
logo
Maxic Technology Corpor...
MT7860 MAXIC-MT7860 Datasheet
185Kb / 1P
PWM/Analog Dimmable APFC BUCK LED Driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
PWM dimmable LED constant current driver
logo
Maxic Technology Corpor...
MT7862 MAXIC-MT7862 Datasheet
106Kb / 1P
PWM Dimmable APFC BUCK LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com