Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6001 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LED6001
Description  PWM-dimmable single channel LED driver with integrated boost controlle
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6001 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LED6001 Datasheet HTML 18Page - STMicroelectronics LED6001 Datasheet HTML 19Page - STMicroelectronics LED6001 Datasheet HTML 20Page - STMicroelectronics LED6001 Datasheet HTML 21Page - STMicroelectronics LED6001 Datasheet HTML 22Page - STMicroelectronics LED6001 Datasheet HTML 23Page - STMicroelectronics LED6001 Datasheet HTML 24Page - STMicroelectronics LED6001 Datasheet HTML 25Page - STMicroelectronics LED6001 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Package information
LED6001
24/26
DocID025575 Rev 3
)
Table 8. HTSSOP-16 package mechanical data(1)
Symbol
Dimensions (mm)
Note
Min.
Typ.
Max.
A1.20
(1)
1. HTSSOP stands for “Thermally Enhanced Variations”.
A1
0.15
A2
0.80
1.00
1.05
b0.19
0.30
c0.09
0.20
D
4.90
5.00
5.10
(2)
2. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
shall not exceed 0.15 mm per side.
D1
3.00
(3)
3. The size of exposed pad is variable depending of leadframe design pad size. End user should verify “D1”
and “E2” dimensions for each device application.
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
(4)
4. Dimension “E1” does not include interlead flash or protrusions. Interlead flash or protrusions shall not
exceed 0.25 mm per side.
E2
3.00
(3)
e0.65
L
0.45
0.60
0.75
L1
1.00
k0.00
8.00
aaa
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com