Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6001 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LED6001
Description  PWM-dimmable single channel LED driver with integrated boost controlle
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6001 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LED6001 Datasheet HTML 5Page - STMicroelectronics LED6001 Datasheet HTML 6Page - STMicroelectronics LED6001 Datasheet HTML 7Page - STMicroelectronics LED6001 Datasheet HTML 8Page - STMicroelectronics LED6001 Datasheet HTML 9Page - STMicroelectronics LED6001 Datasheet HTML 10Page - STMicroelectronics LED6001 Datasheet HTML 11Page - STMicroelectronics LED6001 Datasheet HTML 12Page - STMicroelectronics LED6001 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DocID025575 Rev 3
9/26
LED6001
Electrical characteristics
26
6
Electrical characteristics
VIN = 12 V, VVFBP = 12 V, VVFBN = 12 V and TJ =- 40 °C to 125 °C if not otherwise specified.
Table 6. Electrical characteristics
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
Supply section
VVIN
Supply voltage range
5.5
36
V
PWMI turn on threshold
1.34
1.65
PWMI turn off threshold
0.7
0.85
1.1
PWMI pull-down resistor
PMWI at 3.3 V
350
570
810
k
tSHDN
PWMI low to shutdown mode delay
10
15
22
ms
tSTART
Start-up time
CLDO3 = CVDR = 470 nF
100
170
µs
VLDO3
3.3 V LDO output voltage
6 V
 VIN  36 V, ILDO3 = 0.5 mA,
PWMI high
3.2
3.3
3.4
V
3.3 V LDO line regulation
ILDO3 = 20 mA, PWMI high
6 V
 VIN  36 V
520
mV
3.3 V LDO load regulation
VIN = 6 V, PWMI high
0.5 mA
 ILDO3  20 mA
90
100
VLDO3,ON
LDO3 undervoltage lockout upper
threshold
2.2
2.8
3.0
V
VLDO3,OFF
LDO3 undervoltage lockout lower
threshold
2.5
2.7
2.9
LDO3 undervoltage lockout hysteresis
50
200
400
mV
3.3 V LDO current limit
VLDO3 = 3.0 V
30
38
46
mA
VVDR
5 V LDO output voltage
6 V
 VIN  36 V
IVDR = 0.5 mA, PWMI high
4.8
5.0
5.2
V
5 V LDO line regulation
IVDR = 40 mA, PWMI high
6 V
 VIN  36 V
10
40
mV
5 V LDO load regulation
VIN = 6 V, PWMI high
0.5 mA
 IVDR  40 mA
120
200
5 V LDO dropout voltage
IVDR = 25 mA, VVIN = 4.8 V
150
300
VVDR,ON
VDR undervoltage lockout upper
threshold
4.3
4.6
4.7
V
VVDR,OFF
VDR undervoltage lockout lower
threshold
4.25
4.4
4.55
mV
VDR undervoltage lockout hysteresis
20
150
300
5 V LDO current limit
VVDR = 4.5 V
50
75
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com