Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6001 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LED6001
Description  PWM-dimmable single channel LED driver with integrated boost controlle
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6001 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LED6001 Datasheet HTML 3Page - STMicroelectronics LED6001 Datasheet HTML 4Page - STMicroelectronics LED6001 Datasheet HTML 5Page - STMicroelectronics LED6001 Datasheet HTML 6Page - STMicroelectronics LED6001 Datasheet HTML 7Page - STMicroelectronics LED6001 Datasheet HTML 8Page - STMicroelectronics LED6001 Datasheet HTML 9Page - STMicroelectronics LED6001 Datasheet HTML 10Page - STMicroelectronics LED6001 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DocID025575 Rev 3
7/26
LED6001
Absolute maximum ratings
26
4
Absolute maximum ratings
Table 3. Absolute maximum ratings
Parameter
Pin
Min.
Max.
Unit
Maximum pin voltage
VIN to SGND
40
V
VFBP and VFBN to SGND
65
VDR to SGND
-0.3
6
LDO3 to SGND
-0.3
3.6
COMP, CSNS and OVFB to SGND
-0.3
3.6
PGND to SGND
-0.3
0.3
XFAULT, FSW, ADIM and GATE to SGND
-0.3
6
PWMI and PWMO to SGND
-0.3
6
HBM ESD susceptibility
JEDEC JS001
All pins
-2000
2000
VIN, VFBP, VFBN and ADIM ESD
susceptibility
VIN, VFBP, VFBN, ADIM to SGND
-4000
4000
CDM ESD resistivity to SGND
ANSI/ESD STM5.3.1
Corner pins
-750
750
Non-corner pins
-500
500
Table 4. Thermal characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TJ,OP
Operating junction temperature
-40
150
°C
TSTG
Storage temperature range
-50
150
TSHDN
Thermal shutdown threshold
150
160
175
Thermal shutdown hysteresis
20
XFAULT release hysteresis
40
Rth,JA(1)
Junction to ambient thermal resistance
1s0p
55
°C/W
2s2p
45
Rth,JC
Junction to case thermal resistance
37
1. The device mounted on a standard JESD51-5 test board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com