Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6001 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LED6001
Description  PWM-dimmable single channel LED driver with integrated boost controlle
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6001 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LED6001 Datasheet HTML 17Page - STMicroelectronics LED6001 Datasheet HTML 18Page - STMicroelectronics LED6001 Datasheet HTML 19Page - STMicroelectronics LED6001 Datasheet HTML 20Page - STMicroelectronics LED6001 Datasheet HTML 21Page - STMicroelectronics LED6001 Datasheet HTML 22Page - STMicroelectronics LED6001 Datasheet HTML 23Page - STMicroelectronics LED6001 Datasheet HTML 24Page - STMicroelectronics LED6001 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID025575 Rev 3
21/26
LED6001
Device description
26
latched and normal operation is resumed by toggling the PWMI pin (PWMI has to be low for
more than 10 ms) after the root cause has been removed.
7.4.4
Output rail disconnection detection or output short-circuit to ground
If the connection between the output rail and the output sensing resistor is lost, the voltage
of both the VFBP and VFBN pins falls down to zero. The LED6001 detects this faulty
condition by comparing the absolute voltage of both VFBP and VFBN pins with an internal
3.3 V threshold and latches-off as a consequence (the GATE and PWMO pins forced low,
XFAULT pin lowered). Normal operation is resumed by toggling the PWMI pin (PWMI has to
be low for more than 10 ms) after the root cause has been removed.
When the LED6001 is operating with a boost topology, a similar condition occurs in case of
output-to-ground short-circuit. Of course, because of the inherent path between input and
output, a real protection against this faulty condition can be achieved only if the device is
capable of disconnecting the boost output by means of the dimming switch (e.g. in case
a P-channel MOSFET is used as a high-side dimming switch).
Figure 12. Load disconnection (1 and 5), open feedback (2 and 3) and open OVFB faulty
conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com