Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6001 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LED6001
Description  PWM-dimmable single channel LED driver with integrated boost controlle
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6001 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LED6001 Datasheet HTML 12Page - STMicroelectronics LED6001 Datasheet HTML 13Page - STMicroelectronics LED6001 Datasheet HTML 14Page - STMicroelectronics LED6001 Datasheet HTML 15Page - STMicroelectronics LED6001 Datasheet HTML 16Page - STMicroelectronics LED6001 Datasheet HTML 17Page - STMicroelectronics LED6001 Datasheet HTML 18Page - STMicroelectronics LED6001 Datasheet HTML 19Page - STMicroelectronics LED6001 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Device description
LED6001
16/26
DocID025575 Rev 3
7.2.4
Switching frequency oscillator and external synchronization
The switching frequency of the boost controller is simply set by connecting a resistor
between the FSW pin and ground. The resistor can be calculated according to Equation 4:
Equation 4
Where KFSW = 5 1010 Hz  (typ.) and 100 kHz  fSW  1 MHz.
Figure 7. Switching frequency vs. setting resistor at the FSW pin
If the FSW pin is tied high (e.g. connecting it to LDO3), a 600 kHz (typ.) default switching
frequency is set.
In case the boost controller of the LED6001 has to be externally synchronized, the FSW pin
can be used as synchronization clock input. In this case the external clock must have
a frequency in the 100 kHz - 1 MHz range and a 250 ns minimum pulse duration in order to
ensure internal oscillator locking.
R
KFSW
fSW
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com