Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6001 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LED6001
Description  PWM-dimmable single channel LED driver with integrated boost controlle
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6001 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LED6001 Datasheet HTML 7Page - STMicroelectronics LED6001 Datasheet HTML 8Page - STMicroelectronics LED6001 Datasheet HTML 9Page - STMicroelectronics LED6001 Datasheet HTML 10Page - STMicroelectronics LED6001 Datasheet HTML 11Page - STMicroelectronics LED6001 Datasheet HTML 12Page - STMicroelectronics LED6001 Datasheet HTML 13Page - STMicroelectronics LED6001 Datasheet HTML 14Page - STMicroelectronics LED6001 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DocID025575 Rev 3
11/26
LED6001
Electrical characteristics
26
Output current sensing section
VFB
Feedback voltage (VVFBP - VVFBN
differential current sensing voltage)
VADIM = 0.3 V
20
30
40
mV
VADIM = 0.6 V
110
120
130
VADIM = 1.2 V
280
300
304
Feedback reference voltage accuracy
VADIM to LDO3
288
300
308
VADIM,OFF
ADIM pin voltage turn off threshold
260
270
280
ADIM pin voltage turn off hysteresis
5
10
20
IVFBP
Feedback positive input current
VVFBP = 12.0 V
VVFBN = 11.7 V
-32
-25
-18
A
IVFBN
Feedback negative input current
VVFBP = 12.0 V
VVFBN = 11.7 V
-7
-5
-4
PWM dimming control
RPWMO
PWMO gate driver output resistance
Pull-up
14
22
Pull-down
3
8
tr,PWMO
PWMO gate driver rise time
(20 to 80%)
VVDR = 5 V, CL = 3.3 nF
50
120
ns
tf,PWMO
PWMO gate driver fall time (80 to 20%)
30
60
Fault management section
VOVFB,th
XFAULT output low level
IXFAULT = 4 mA
0.12
0.2
V
XFAULT high level leakage current
VXFAULT = 5 V
1
4
µA
OVFB input overvoltage detection
threshold
1.14
1.20
1.25
V
OVFB input overvoltage detection
hysteresis
70
100
130
mV
OVFB pull-up current
VOVFB = 1 V
0.7
1
1.2
µA
Open load/VFBP pin disconnection
detection threshold (differential)
(VVFBP - VVFBN)
-190 -120
-80
mV
Overload /VFBN pin disconnection
detection threshold (differential)
550
600
650
VFBx undervoltage detection threshold
VVFBx respect to SGND
3.0
3.5
4.0
V
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com