Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3644 Datasheet (PDF) - Texas Instruments

LM3644 Datasheet PDF - Texas Instruments
Part # LM3644
Download  LM3644 Download
File Size   1041.51 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3644 Dual 1.5-A Current Source Camera Flash LED Driver

LM3644 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3644 Datasheet PDF - Texas Instruments

Part # LM3644
Download  LM3644 Click to download

File Size   1041.51 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3644 Dual 1.5-A Current Source Camera Flash LED Driver

LM3644 Datasheet (HTML) - Texas Instruments


LM3644 Product details

1 Features
1• Dual Independent 1.5-A LED Current Source
Programmability
• Accurate and Programmable LED Current Range
from 1.4 mA to 1.5 A
• Torch Currents up to 360 mA (LM3644TT)
• Flash Timeout Values up to 1.6 seconds
(LM3644TT)
• Optimized Flash LED Current During Low Battery
Conditions (IVFM)
• > 85% Efficiency in Torch Mode (at 100 mA) and
Flash Mode (at 1 A to 1.5 A)
• Grounded Cathode LED Operation for Improved
Thermal Management
• Small Solution Size: < 16 mm2
• Hardware Strobe Enable (STROBE)
• Synchronization Input for RF Power Amplifier
Pulse Events (TX)
• Hardware Torch Enable (TORCH/TEMP)
• Remote NTC Monitoring (TORCH/TEMP)
• 400-kHz I2C-Compatible Interface
– LM3644 (I2C Address = 0x63)

2 Applications
• Camera Phone White LED Flash
• Digital Still Cameras
• Fire-Alarm Notification
• Emergency Strobe Lighting
• Intruder Alert Notification
• Barcode Scanners
• Handheld Data Terminals

3 Description
The LM3644 is a dual LED flash driver that provides
a high level of adjustability within a small solution
size. The LM3644 utilizes a 2-MHz or 4-MHz fixedfrequency
synchronous boost converter to provide
power to the dual 1.5-A constant current LED
sources. The dual 128 level current sources provide
the flexibility to adjust the current ratios between
LED1 and LED2. An adaptive regulation method
ensures the current sources remain in regulation and
maximizes efficiency.
Features of the LM3644 are controlled via an I2Ccompatible
interface. These features include:
hardware flash and hardware torch pins (STROBE
and TORCH/TEMP), a TX interrupt, and an NTC
thermistor monitor. The device offers independently
programmable currents in each output leg to drive the
LEDs in a Flash or Movie Mode (Torch) condition.
The 2-MHz or 4-MHz switching frequency options,
overvoltage protection (OVP), and adjustable current
limit allow for the use of tiny, low-profile inductors and
10-μF ceramic capacitors. The device operates over
a –40°C to +85°C ambient temperature range.




Similar Part No. - LM3644

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
Dual 1.5A Current Source Camera Flash LED Driver
LM3644TTYFFR TI1-LM3644TTYFFR Datasheet
1Mb / 41P
Dual 1.5A Current Source Camera Flash LED Driver
LM3644YFFR TI1-LM3644YFFR Datasheet
1Mb / 41P
Dual 1.5A Current Source Camera Flash LED Driver
More results


Similar Description - LM3644

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4301 ONSEMI-NUD4301_07 Datasheet
146Kb / 7P
Dual Channel LED Driver/Current Source
February, 2007 ??Rev. P4
logo
Texas Instruments
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
Dual 1.5A Current Source Camera Flash LED Driver
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Rohm
BD6164GUT ROHM-BD6164GUT Datasheet
558Kb / 21P
320mA LED Camera Flash Driver
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com