Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48556TLX/NOPB Datasheet (PDF) - Texas Instruments

LM48556TLX/NOPB Datasheet PDF - Texas Instruments
Part # LM48556TLX/NOPB
Download  LM48556TLX/NOPB Download
File Size   1025.7 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48556 Boomer™ Fully Differential, Mono, Ceramic Speaker Driver

LM48556TLX/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48556TLX/NOPB Datasheet PDF - Texas Instruments

Part # LM48556TLX/NOPB
Download  LM48556TLX/NOPB Click to download

File Size   1025.7 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48556 Boomer™ Fully Differential, Mono, Ceramic Speaker Driver

LM48556TLX/NOPB Datasheet (HTML) - Texas Instruments


LM48556TLX/NOPB Product details

1FEATURES
23• Fully Differential Amplifier
• Externally Configurable Gain
• Integrated Charge Pump
• Low Power Shutdown Mode
• Soft Start Function

APPLICATIONS
• Mobile Phones
• PDA's
• Digital Cameras

KEY SPECIFICATIONS
• Output Voltage Swing
– VDD = 3.6V, 1kHz 14.2VPP (typ)
– VDD = 4.5V, 1kHz 17.5VPP (typ)
• Power Supply Rejection Ratio
– f = 217Hz, VDD = 3.6V 80dB (typ)
• IDD at VDD = 3.6V 4.8mA (typ)
• Wake-Up Time 0.5ms (typ)

DESCRIPTION
The LM48556 is a single supply, mono, ceramic
speaker driver with an integrated charge-pump,
designed for portable devices, such as cell phones,
where board space is at a premium. The LM48556
charge pump allows the device to deliver 17.5VPP
(typ) from a single 4.5V supply. Additionally, the charge pump features a soft start function that
minimizes transient current during power-up.
The LM48556 features high power supply rejection
ratio (PSRR) of 80dB at 217Hz, allowing the device to
operate in noisy environments without additional
power supply conditioning. Flexible power supply
requirements allow operation from 2.7V to 5.0V.
Additionally, the LM48556 features a differential input
function and an externally configurable gain. A low
power shutdown mode reduces supply current
consumption to 0.1μA.
Superior click and pop suppression eliminates audible
transients on power-up/down and during shutdown.
The LM48556 is available in an ultra-small 12-bump
DSBGA package (2mm x 1.5mm).




Similar Part No. - LM48556TLX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48556TLX/NOPB TI1-LM48556TLX/NOPB Datasheet
1Mb / 22P
Fully Differential, Mono, Ceramic Speaker Driver
More results


Similar Description - LM48556TLX/NOPB

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
MONO CODEC WITH SPEAKER DRIVER
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
MONO CODEC WITH SPEAKER DRIVER
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8974 WOLFSON-WM8974_07 Datasheet
1,020Kb / 87P
Mono CODEC with Speaker Driver
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
Fully Differential, Mono, Ceramic Speaker Driver
logo
Eutech Microelectronics...
EUA6288 EUTECH-EUA6288 Datasheet
131Kb / 1P
14VP-P, Mono, Class G Ceramic Speaker Driver
logo
Texas Instruments
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
Fully Differential, Mono, Ceramic Speaker Driver
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
Mono, Bridge-Tied Load, Ceramic Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com