Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510 Datasheet (PDF) - Wolfson Microelectronics plc

WM8510 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8510
Download  WM8510 Download
File Size   571.45 Kbytes
Page   56 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description MONO CODEC WITH SPEAKER DRIVER

WM8510 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8510 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8510
Download  WM8510 Click to download

File Size   571.45 Kbytes
Page   56 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description MONO CODEC WITH SPEAKER DRIVER

WM8510 Datasheet (HTML) - Wolfson Microelectronics plc


WM8510 Product details

DESCRIPTION

The WM8510 is a low power, high quality mono codec designed for Voice over Internet Protocol (VoIP) and Digital Telephones. The device integrates support for one pseudo-differential and one single ended input (Handset Mic and Speaker Mic) and includes drivers for speakers or headset, and mono line output, making it ideal for Telephone designs. External component requirements are reduced as no separate microphone or

earpiece amplifiers are required.



FEATURES

• Mono Codec:

• Audio sample rates:8, 11.025, 16, 22.05, 24, 32, 44.1, 48kHz

• DAC SNR 93dB, THD -84dB (‘A’-weighted @ 8 – 48kHz)

• ADC SNR 90dB, THD -80dB (‘A’-weighted @ 8 – 48kHz)

• On-chip Headphone/Speaker Driver with ‘cap-less’ connect

- 40mW output power into 16Ω / 3.3V SPKVDD

- BTL speaker drive 0.8W into 8Ω / 5V SPKVDD

• Earpiece Line output

• Multiple analog inputs, plus analog bypass path (0 or -10dB)

• Mic Preamps:

• Two Microphone Interfaces

- One pseudo-differential input with common mode rejection

- One single ended input

- Programmable preamp gain

- Programmable ALC / Noise Gate in ADC path

• Low-noise bias supplied for microphone



Other Features

• Digital Playback Limiter

• Programmable ADC High Pass Filter (wind noise reduction)

• Programmable ADC Notch Filter

• On-chip PLL

• Low power, low voltage

- 2.5V to 3.6V (digital supplies: 1.71V to 3.6V)

- power consumption <10mW all-on 48kHz mode

• 28 lead SSOP package



APPLICATIONS

• VoIP Telephones

• Digital Telephones

• Conference Speaker-phone

• Mobile Telephone Hands-free Kits

• General Purpose low power audio CODEC




Similar Part No. - WM8510

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8510GEDS/RV WOLFSON-WM8510GEDS/RV Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
WM8510GEDS/V WOLFSON-WM8510GEDS/V Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
WM8510 WOLFSON-WM8510_06 Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
More results


Similar Description - WM8510

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
MONO CODEC WITH SPEAKER DRIVER
WM8510 WOLFSON-WM8510_06 Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8974 WOLFSON-WM8974_07 Datasheet
1,020Kb / 87P
Mono CODEC with Speaker Driver
WM8941 WOLFSON-WM8941 Datasheet
1Mb / 96P
Mono CODEC with Speaker Driver and Video Buffer
WM8940 WOLFSON-WM8940_11 Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
logo
Nuvoton Technology Corp...
NAU8812 NUVOTON-NAU8812 Datasheet
2Mb / 110P
Mono Audio Codec with Speaker Driver
WAU8812 NUVOTON-WAU8812 Datasheet
702Kb / 15P
Mono Audio Codec with Speaker Driver
logo
Cirrus Logic
WM8940 CIRRUS-WM8940 Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com