Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8510
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8510 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Product Preview
WM8510
w
PP Rev 1.2 December 2004
7
Test Conditions
DCVDD = 1.62V, AVDD = DBVDD = 3.3V, SPKVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MIC2 Analogue Input
Full-scale Input Signal Level
(0dB) – note this changes with
AVDD
VINFS
1.0
0
Vrms
dBV
Input Resistance
RMIC2IN
MIC2MODE=0
20
k
Ω
Input Capacitance
CMIC2IN
10
pF
Digital to Analogue Converter (DAC) to MONO output (all data measured with 10k
Ω / 50pF load)
Signal to Noise Ratio (Note 5)
SNR
A-weighted
TBD
93
dB
Total Harmonic Distortion
(Note 7)
THD
RL = 10 k
Ω
full-scale signal
-84
dB
MONOBOOST=0
AVDD/3.3
0dB Full Scale output voltage
(Note 9)
MONOBOOST=1
1.5x
(AVDD/3.3)
VRMS
Speaker Output PGA
Programmable Gain
-57
6
dB
Programmable Gain Step Size
Guaranteed monotonic
1
dB
BTL Speaker Output (SPKOUTP, SPKOUTN with 8
Ω
Ω
Ω
Ω bridge tied load)
Output Power
PO
Output power is very closely correlated with THD; see below
PO =180mW, RL = 8
Ω,
SPKVDD=3.3V
0.3
-50
%
dB
PO =400mW, RL = 8
Ω,
SPKVDD=3.3V
1.0
-40
%
dB
PO =360mW, RL = 8
Ω,
SPKVDD=5V
0.3
-50
%
dB
Total Harmonic Distortion
THD
PO =800mW, RL = 8
Ω,
SPKVDD=5V
1
-40
%
dB
SPKVDD=3.3V,
RL = 8
Ω
90
dB
Signal to Noise Ratio
SNR
SPKVDD=5V,
RL = 8
Ω
90
dB
Power Supply Rejection Ratio
50
dB
‘Headphone’ output (SPKOUTP, SPKOUTN with resistive load to ground)
Signal to Noise Ratio
SNR
93
dB
Total Harmonic Distortion
THD
Po=20mW, RL = 16
Ω,
SPKVDD=3.3V
0.008
-81
%
dB
Po=20mW, RL = 32
Ω,
SPKVDD=3.3V
0.007
- 83
%
dB
Microphone Bias
Bias Voltage (MBVSEL=0)
VMICBIAS
0.9*AVDD
V
Bias Voltage (MBVSEL=1)
VMICBIAS
0.75*AVDD
V
Bias Current Source
IMICBIAS
3
mA
Output Noise Voltage
Vn
1K to 20kHz
15
nV/
√Hz
Digital Input / Output
Input HIGH Level
VIH
0.7
×DVDD
V
Input LOW Level
VIL
0.3
×DVDD
V
Output HIGH Level
VOH
IOL=1mA
0.9
×DVDD
V
Output LOW Level
VOL
IOH-1mA
0.1xDVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com