Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8510 Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8510
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510 Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8510 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Product Preview
WM8510
w
PP Rev 1.2 December 2004
45
The PLL frequency ratio R = f2/f1 (see Figure 27) can be set using the register bits PLLK and PLLN:
PLLN = int R
PLLK = int (2
24 (R-PLLN))
EXAMPLE:
MCLK=12MHz, required clock = 12.288MHz.
R should be chosen to ensure 5 < PLLN < 13. There is a fixed divide by 4 in the PLL and a
selectable divide by N after the PLL which should be set to divide by 2 to meet this requirement.
Enabling the divide by 2 sets the required f2 = 4 x 2 x 12.288MHz = 98.304MHz.
R = 98.304 / 12 = 8.192
PLLN = int R = 8
k = int ( 2
24 x (8.192 – 8)) = 3221225 = 3126E9h
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
PLLPRESCALE
0
Divide MCLK by 2 before input to
PLL
R36
PLL N value
3:0
PLLN
1000
Integer (N) part of PLL input/output
frequency ratio. Use values greater
than 5 and less than 13.
R37
PLL K value 1
5:0
PLLK [23:18]
0Ch
R38
PLL K Value 2
8:0
PLLK [17:9]
093h
R39
PLL K Value 3
8:0
PLLK [8:0]
0E9h
Fractional (K) part of PLL1
input/output frequency ratio (treat as
one 24-digit binary number).
Table 30 PLL Frequency Ratio Control
The PLL performs best when f2 is around 90MHz. Its stability peaks at N=8. Some example settings
are shown.
MCLK
(MHz)
(F1)
DESIRED
OUTPUT
(MHz)
F2
(MHz)
PRESCALE
DIVIDE
POSTSCALE
DIVIDE
R
N
(Hex)
K
(Hex)
12
11.29
90.3168
1
2
7.5264
7
86C227
12
12.288
98.304
1
2
8.192
8
3126E9
13
11.29
90.3168
1
2
6.947446
6
F28BD5
13
12.288
98.304
1
2
7.561846
7
8FD526
14.4
11.29
90.3168
1
2
6.272
6
45A1CB
14.4
12.288
98.304
1
2
6.826667
6
D3A06D
19.2
11.29
90.3168
2
2
9.408
9
6872B0
19.2
12.288
98.304
2
2
10.24
A
3D70A4
19.68
11.29
90.3168
2
2
9.178537
9
2DB493
19.68
12.288
98.304
2
2
9.990243
9
FD80A0
19.8
11.29
90.3168
2
2
9.122909
9
1F76F8
19.8
12.288
98.304
2
2
9.929697
9
EE009F
24
11.29
90.3168
2
2
7.5264
7
86C227
24
12.288
98.304
2
2
8.192
8
3126E9
26
11.29
90.3168
2
2
6.947446
6
F28BD5
26
12.288
98.304
2
2
7.561846
7
8FD526
27
11.29
90.3168
2
2
6.690133
6
BOAC94
27
12.288
98.304
2
2
7.281778
7
482297
Table 31 PLL Frequency Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com