Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940 Datasheet (PDF) - Cirrus Logic

WM8940 Datasheet PDF - Cirrus Logic
Part # WM8940
Download  WM8940 Download
File Size   1456.38 Kbytes
Page   88 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Mono CODEC with Speaker Driver

WM8940 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8940 Datasheet PDF - Cirrus Logic

Part # WM8940
Download  WM8940 Click to download

File Size   1456.38 Kbytes
Page   88 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Mono CODEC with Speaker Driver

WM8940 Datasheet (HTML) - Cirrus Logic


WM8940 Product details

DESCRIPTION
The WM8940 is a low power, high quality mono CODEC designed for portable applications such as digital still cameras or camcorders.
The device integrates support for a differential or single ended mic, and includes drivers for speakers or headphone, and mono line output. External component requirements are reduced as no separate microphone or headphone amplifiers are required.
Advanced Sigma Delta Converters are used along with digital decimation and interpolation filters to give high quality audio at sample rates from 8 to 48ks/s. A selectable high pass filter and four fully-programmable notch filters are available in the ADC path. An advanced mixed signal ALC function with noise gate is provided, while readback of PGA gain during ALC operation is supported. The digital audio interface supports A-law and -law companding.
An on-chip PLL is provided to generate the required Master Clock from an external reference clock. The PLL clock can also be output if required elsewhere in the system.
The WM8940 operates at supply voltages from 2.5 to 3.6V, although the digital supplies can operate at voltages down to 1.71V to save power. Different sections of the chip can also be powered down under software control using the selectable two or three wire control interface.
WM8940 is supplied in a very small 4x4mm QFN package, offering high levels of functionality in minimum board area, with high thermal performance.

FEATURES
• Mono CODEC:
• Audio sample rates:8, 11.025, 16, 22.05, 24, 32, 44.1, 48kHz
• DAC SNR 98dB, THD -84dB (‘A’-weighted @ 8 – 48ks/s)
• ADC SNR 94dB, THD -80dB (‘A’-weighted @ 8 – 48ks/s)
• On-chip Headphone/Speaker Driver
- 40mW output power into 16
- BTL speaker drive 0.4W into 8
• Additional MONO Line output
• Multiple analogue or ‘Aux’ inputs, plus analogue bypass path
• Mic Preamps:
• Differential or single end Microphone Interface
- Programmable preamp gain
- Pseudo differential inputs with common mode rejection
- Programmable ALC / Noise Gate in ADC path
• Low-noise bias supplied for electret microphones
OTHER FEATURES
• Digital Playback Limiter
• Programmable high pass filter (wind noise reduction)
• 4 notch filters (narrowband noise suppression)
• On-chip PLL
• Low power, low voltage
- 2.5V to 3.6V (digital: 1.71V to 3.6V)
• 4x4x0.9mm 24 lead QFN package

APPLICATIONS
• Digital still cameras and camcorders
• General purpose mono audio CODEC




Similar Part No. - WM8940

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8940 WOLFSON-WM8940 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8940CGEFL/RV WOLFSON-WM8940CGEFL/RV Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
WM8940CGEFL/V WOLFSON-WM8940CGEFL/V Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
WM8940GEFL/RV WOLFSON-WM8940GEFL/RV Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8940GEFL/V WOLFSON-WM8940GEFL/V Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
More results


Similar Description - WM8940

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
MONO CODEC WITH SPEAKER DRIVER
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
MONO CODEC WITH SPEAKER DRIVER
WM8510 WOLFSON-WM8510_06 Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8974 WOLFSON-WM8974_07 Datasheet
1,020Kb / 87P
Mono CODEC with Speaker Driver
WM8941 WOLFSON-WM8941 Datasheet
1Mb / 96P
Mono CODEC with Speaker Driver and Video Buffer
WM8940 WOLFSON-WM8940_11 Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
logo
Nuvoton Technology Corp...
NAU8812 NUVOTON-NAU8812 Datasheet
2Mb / 110P
Mono Audio Codec with Speaker Driver
WAU8812 NUVOTON-WAU8812 Datasheet
702Kb / 15P
Mono Audio Codec with Speaker Driver
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com