Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8941 Datasheet (PDF) - Wolfson Microelectronics plc

WM8941 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8941
Download  WM8941 Download
File Size   1216.93 Kbytes
Page   96 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Mono CODEC with Speaker Driver and Video Buffer

WM8941 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8941 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8941
Download  WM8941 Click to download

File Size   1216.93 Kbytes
Page   96 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Mono CODEC with Speaker Driver and Video Buffer

WM8941 Datasheet (HTML) - Wolfson Microelectronics plc


WM8941 Product details

DESCRIPTION
The WM8941 is a low power, high quality mono CODEC designed for portable applications such as digital still cameras or camcorders.
The device integrates support for a differential or single ended mic, and includes drivers for speakers or headphone, and mono line output. External component requirements are reduced as no separate microphone or headphone amplifiers are required. A high performance, low power current-mode video buffer provides inherent short circuit protection.

FEATURES
• Mono CODEC:
• Audio sample rates:8, 11.025, 16, 22.05, 24, 32, 44.1, 48kHz
• DAC SNR 98dB, THD -84dB (‘A’-weighted @ 8 – 48ks/s)
• ADC SNR 94dB, THD -80dB (‘A’-weighted @ 8 – 48ks/s)
• On-chip Headphone/Speaker Driver
    - 40mW output power into 16Ω
    - BTL speaker drive 0.4W into 8Ω
• Additional MONO Line output
• Multiple analog or ‘Aux’ inputs, plus analog bypass path
• Mic Preamps :
• Differential or single end Microphone Interface
    - Programmable preamp gain
    - Pseudo differential inputs with common mode rejection
    - Programmable ALC / Noise Gate in ADC path
• Low-noise bias supplied for electret microphones

OTHER FEATURES
• Integrated video buffer with LPF and clamp.
• Digital Playback Limiter
• Programmable high pass filter (wind noise reduction)
• 4 notch filters (narrowband noise suppression)
• On-chip PLL
• Low power, low voltage
    - 2.5V to 3.6V (digital: 1.71V to 3.6V)
• 4x4x0.75mm 28 lead QFN package

APPLICATIONS
• Digital still cameras and camcorders
• General purpose mono audio CODEC with video buffer




Similar Part No. - WM8941

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8940 WOLFSON-WM8940 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8940 CIRRUS-WM8940 Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
logo
Wolfson Microelectronic...
WM8940CGEFL/RV WOLFSON-WM8940CGEFL/RV Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8940CGEFL/RV CIRRUS-WM8940CGEFL/RV Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
logo
Wolfson Microelectronic...
WM8940CGEFL/V WOLFSON-WM8940CGEFL/V Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
More results


Similar Description - WM8941

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
MONO CODEC WITH SPEAKER DRIVER
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
MONO CODEC WITH SPEAKER DRIVER
WM8510 WOLFSON-WM8510_06 Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8974 WOLFSON-WM8974_07 Datasheet
1,020Kb / 87P
Mono CODEC with Speaker Driver
WM8980 WOLFSON-WM8980_07 Datasheet
1Mb / 112P
Stereo CODEC With Speaker Driver and Video Buffer
WM8940 WOLFSON-WM8940_11 Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
WM8980 WOLFSON-WM8980_12 Datasheet
1Mb / 123P
Stereo CODEC with Speaker Driver and Video Buffer
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
WM8940 CIRRUS-WM8940 Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com