Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8941 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8941
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8941 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
WM8941
Pre Production
w
PP, Rev 3.3, December 2007
10
Test Conditions
DCVDD=1.8V, DBVDD=3.3V, AVDD=3.3V, SPKVDD =3.3V, , VBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low pass filter order
3rd order
Low Pass Filter Response (referenced to 100kHz)
Response at 2.4MHz
-0.1
0
0.1
dB
Response at 5.13MHz
-0.5
-0.2
0.1
dB
Response at 9.04MHz
-3.0
-1.6
0
dB
Response at 13.32MHz
RVBREF=187
Ω, ROUT=75Ω,
RLOAD=75
Ω, 0dB gain
-11.0
-7.0
-3.0
dB
Microphone Bias
MBVSEL=0
0.85*
AVDD
0.9*AVDD
0.95*
AVDD
V
Bias Voltage
MBVSEL=1
0.65*AVDD
V
Bias Current Source
for VMICBIAS within +/-3%
3
mA
Output Noise Voltage
1kHz to 20kHz
15
nV/
√Hz
Digital Input / Output
Input HIGH Level
VIH
0.7
×
DBVDD
DBVDD+0.7
V
Input LOW Level
VIL
GND-0.7
0.3
×DBVDD
V
Output HIGH Level
VOH
IOL=1mA
0.9
×
DBVDD
DBVDD
V
Output LOW Level
VOL
IOH-1mA
GND
0.1xDBVDD
V
Input Capacitance
All digital pins
10
pF
All digital pins except MODE
-900
+900
nA
Input leakage
MODE pin
-90
+90
µA
TERMINOLOGY
1.
Full-scale input and output levels scale in relation to AVDD or SPKVDD depending upon the input or output used. For
example, when AVDD = 3.3V, 0dBFS = 1Vrms (0dBV). When AVDD < 3.3V the absolute level of 0dBFS will decrease
with a linear relationship to AVDD.
2.
Input level to RIP and LIP in differential configurations is limited to a maximum of -3dB or performance will be
reduced.
3.
Signal-to-noise ratio (dB) – SNR is the difference in level between a reference full scale output signal and the device
output with no signal applied. This ratio is also called idle channel noise. (No Auto-zero or Automute function is
employed in achieving these results).
4.
Total Harmonic Distortion (dB) – THD is the difference in level between a reference output signal and the first seven
harmonics of that signal. The reference output signal need not be at full scale amplitude; THD is typically measured
using an output power of 20mW into a 16ohm load, corresponding to a reference signal level of -5dB. However the
stated test conditions include input signal level, signal gain settings, output load characteristics and power supply
voltages To calculate the ratio, the fundamental frequency of the output signal is notched out and an RMS value of
the next seven harmonics is calculated.
5.
THD is the difference in level between a reference output signal and the first seven harmonics of the output signal. To
calculate the ratio, the fundamental frequency of the output signal is notched out and an RMS value of the next seven
harmonics is calculated.
6.
Total Harmonic Distortion plus Noise (dB) – THD+N is the difference in level between a reference output signal and
the sum of the harmonics, wide-band noise and interference on the output signal. To calculate the ratio, the
fundamental frequency of the output signal is notched out and an RMS value of the total harmonics, wide-band noise
and interference is calculated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com