Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8941 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8941
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8941 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
Pre Production
WM8941
w
PP, Rev 3.3, December 2007
49
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
MONOATTN
0
Attenuation control for bypass path
(output of input boost stage) to mono
mixer input
1 0 = 0dB
0 1 = -10dB
6
MONOMUTE
0
0=No mute
1=Output muted. During mute the
mono output will output VMID which can
be used as a DC reference for a
headphone out.
2
AUX2MONO
0
Output of Auxillary amplifier to mono
mixer input:
0 = not selected
1 = selected
1
BYP2MONO
0
Bypass path (output of input boost
stage) to mono mixer input
0 = non selected
1 = selected
R56
Mono mixer
control
0
DAC2MONO
0
Output of DAC to mono mixer input
0 = not selected
1 = selected
Table 37 Mono Mixer Control
ENABLING THE OUTPUTS
Each analogue output of the WM8941 can be separately enabled or disabled. The analogue mixer
associated with each output has a separate enable. All outputs are disabled by default. To save
power, unused parts of the WM8941 should remain disabled.
Outputs can be enabled at any time, but it is not recommended to do so when BUFIO is disabled
(BUFIOEN=0), as this may cause pop noise (see “POP Minimisation” section).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
BIASEN
0
Analogue amplifiers bias enable
R1
Power
management 1
2
BUFIOEN
0
VMID buffer enable
7
MONOEN
0
MONOOUT enable
6
SPKNEN
0
SPKOUTN enable
5
SPKPEN
0
SPKOUTP enable
3
MONOMIXEN 0
Mono mixer enable
R3
Power
management 3
2
SPKMIXEN
0
Speaker Mixer enable
Note: All “Enable” bits are 1 = ON, 0 = OFF
Table 38 Output Stages Power Management Control
UNUSED ANALOGUE INPUTS/OUTPUTS
Whenever an analogue input/output is disabled, it remains connected to AVDD/2 through a resistor.
This helps to prevent pop noise when the output is re-enabled. The resistance between the voltage
buffer and the output pins can be controlled using the VROI control bit. The default impedance is
low, so that any capacitors on the outputs can charge up quickly at start-up. If a high impedance is
desired for disabled outputs, VROI can then be set to 1, increasing the resistance to about 30k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com