Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8941 Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8941
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941 Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8941 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
WM8941
Pre Production
w
PP, Rev 3.3, December 2007
56
RECOMMENDED VIDEO BUFFER INITIALISATION SEQUENCE
Power Up (Video signal AC coupled to Video Buffer input):
1.
Turn on external power supplies. Wait for supply voltages to settle.
2.
Reset internal registers to default state (software reset).
3.
Set VMIDSEL[1:0] bits for 50kΩ reference string impedance. *Note 1.
4.
Enable bias (BIASEN=1) and Level Shift circuits (LVLSHIFT_EN=1).
5.
Set Video Buffer Gain (VBGAIN) as required.
6.
Set Video Buffer Filter Q Boost (QBOOST) as required.
7.
Enable Video Buffer Clamp (VBCLAMPEN=1).
8.
Enable Video Buffer Pulldown to High Impedance (VBPULLDWN=1).
9.
Enable video buffer (VBUFEN=1).
10.
Wait for 1.5seconds.
11.
Disable Video Buffer Pulldown (VBPULLDWN=0).
Power Up (Video signal DC coupled to Video Buffer input):
1.
Turn on external power supplies. Wait for supply voltages to settle.
2.
Reset internal registers to default state (software reset).
3.
Set VMIDSEL[1:0] bits for 50kΩ reference string impedance. *Note 1.
4.
Enable bias (BIASEN=1) and Level Shift circuits (LVLSHIFT_EN=1).
5.
Set Video Buffer Gain (VBGAIN) as required.
6.
Set Video Buffer Filter Q Boost (QBOOST) as required.
7.
Enable video buffer (VBUFEN=1).
Notes:
1. Choose the value of VMIDSEL bits based on the startup time (VMIDSEL = 10 for the slowest
startup, VMIDSEL = 11 for the fastest startup). Startup time is defined by the value of the
VMIDSEL bits (the reference impedance) and the external decoupling capacitor on VMID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com