Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8941 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8941
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8941 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
Pre Production
WM8941
w
PP, Rev 3.3, December 2007
27
FS (KHZ)
SR=101/100
SR=011/010
SR=001/000
HPFCUT
8
11.02
5
12
16
22.0
5
24
32
44.1
48
000
82
113
122
82
113
122
82
113
122
001
102
141
153
102
141
153
102
141
153
010
131
180
156
131
180
156
131
180
156
011
163
225
245
163
225
245
163
225
245
100
204
281
306
204
281
306
204
281
306
101
261
360
392
261
360
392
261
360
392
110
327
450
490
327
450
490
327
450
490
111
408
563
612
408
563
612
408
563
612
Table 14 High Pass Filter Cut-off Frequencies (HPFAPP=1)
Note that the High Pass filter values (when HPFAPP=1) work on the basis that the SR register bits
are set correctly for the actual sample rate as shown in Table 14.
PROGRAMMABLE NOTCH FILTERS
Four programmable notch filters are provided. These filters have a programmable centre frequency
and bandwidth, programmable via two coefficients, a0 and a1. a0 and a1 are represented by the
register bits NFx_A0[13:0] and NFx_A1[13:0]. The notch filter coefficients should be converted to
sign / magnitude notation to enter into the registers. Notch Filter 3 can also be programmed as a 1st
order low pass filter.
Because these coefficient values require two register writes to set up there is an NFx_UP (Notch
Filter Update) flag for each filter which should be set only when both A0 and A1 for the filter have
been set.
The notch filters can be individually enabled, using the corresponding NFx_EN register bit, as can be
seen in Figure 11:
Figure 11 Labelling of Notch Filters and Arrangement of Notch Filter Enables
The notch filter coefficients must be entered using a sign / magnitude notation.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
NF0_UP
0
Notch filter 0 update. The notch filter 0
values used internally only update when
one of the NF0_UP bits is set high.
14
NF0_EN
0
Notch filter 0 enable:
0=Disabled
1=Enabled
R16
Notch Filter 0A
13:0
NF0_A0
0
Notch Filter 0 a0 coefficient
15
NF0_UP
0
Notch filter 0 update. The notch filter 0
values used internally only update when
one of the NF0_UP bits is set high.
R17
Notch Filter 0B
13:0
NF0_A1
0
Notch Filter 0 a1 coefficient
Table 15 Notch Filter 0 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com