Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8941 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8941
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8941 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
WM8941
Pre Production
w
PP, Rev 3.3, December 2007
6
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
MICBIAS
Analogue Output
Microphone bias
2
AVDD
Supply
Analogue supply
3
AGND
Supply
Analogue ground
4
DCVDD
Supply
Digital Supply (Core)
5
DBVDD
Supply
Digital supply (Input/Output)
6
DGND
Supply
Digital ground
7
ADCDAT
Digital Output
ADC digital audio data output
8
DACDAT
Digital Input
DAC digital audio data input
9
FRAME
Digital Input / Output
DAC and ADC sample rate clock or frame synch
10
BCLK
Digital Input / Output
Digital audio port clock
11
MCLK
Digital Input
Master clock input
12
CSB/GPIO
Digital Input / Output
3-Wire control interface chip select or GPIO pin
13
MODE/GPIO
Digital Input
Control interface mode selection or GPIO pin
14
SCLK
Digital Input
3-Wire control interface clock Input / 2-Wire control interface clock
input
15
SDIN
Digital Input / Output
3-Wire control interface data Input / 2-Wire control interface data input
16
VBVDD
Supply
Vide buffer supply
17
VBOUT
Analogue Output
Video buffer TV output
18
VBREF
Analogue Output
Video buffer reference pin
19
VBIN
Analogue Input
Video buffer input
20
MONOOUT
Analogue Output
Mono output
21
SPKOUTP
Analogue Output
Speaker output positive
22
SPKGND
Supply
Speaker ground
23
SPKOUTN
Analogue Output
Speaker output negative
24
SPKVDD
Supply
Speaker supply
25
AUX
Analogue Input
Auxiliary analogue input
26
VMID
Reference
Decoupling for midrail reference voltage
27
MICN
Analogue Input
Microphone negative input (common mode)
28
MICP
Analogue Input
Microphone positive input
Note:
1.
It is recommended that the QFN ground paddle should be connected to analogue ground on the application PCB.
2.
Refer to the application note WAN_0118 on “Guidelines on How to Use QFN Packages and Create Associated PCB
Footprints”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com