Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8941 Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8941
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941 Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8941 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8941 Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
Pre Production
WM8941
w
PP, Rev 3.3, December 2007
61
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9
LOUTR
0
LOUTR control
0=normal
1=Input mono channel data output on
both left and right channels
8
BCP
0
BCLK polarity
0=normal
1=inverted
7
FRAMEP
0
Frame clock polarity (for RJ, LJ and I2S
formats)
0=normal
1=inverted
DSP Mode control
1 = Configures interface so that MSB is
available on 1st BCLK rising edge after
FRAME rising edge
0 = Configures interface so that MSB is
available on 2nd BCLK rising edge after
FRAME rising edge
6:5
WL
10
Word length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits (see note)
4:3
FMT
10
Audio interface Data Format Select:
00=Right Justified
01=Left Justified
10=I2S format
11= DSP/PCM mode
2
DLRSWAP
0
Controls whether DAC data appears in
‘right’ or ‘left’ phases of FRAME clock:
0=DAC data appear in ‘left’ phase of
FRAME
1=DAC data appears in ‘right’ phase of
FRAME
R4
Audio interface
control
1
ALRSWAP
0
Controls whether ADC data appears in
‘right’ or ‘left’ phases of FRAME clock:
0=ADC data appear in ‘left’ phase of
FRAME
1=ADC data appears in ‘right’ phase of
FRAME
R5
Companding
Control
5
WL8
0
8 Bit Word Length Enable
Only recommended for use with
companding
0=Word Length controlled by WL
1=8 bits
Table 44 Audio Interface Control
Note: Right Justified Mode will only operate with a maximum of 24 bits. If 32-bit mode is selected the
device will operate in 24-bit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com