Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4866MTE/NOPB Datasheet (PDF) - Texas Instruments

LM4866MTE/NOPB Datasheet PDF - Texas Instruments
Part # LM4866MTE/NOPB
Download  LM4866MTE/NOPB Download
File Size   1053.67 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4866 2.2W Stereo Audio Amplifier

LM4866MTE/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4866MTE/NOPB Datasheet PDF - Texas Instruments

Part # LM4866MTE/NOPB
Download  LM4866MTE/NOPB Click to download

File Size   1053.67 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4866 2.2W Stereo Audio Amplifier

LM4866MTE/NOPB Datasheet (HTML) - Texas Instruments


LM4866MTE/NOPB Product details

1FEATURES
2• Stereo BTL Amplifier Mode
• “Click and Pop” Suppression Circuitry
• Unity-Gain Stable
• Thermal Shutdown Protection Circuitry
• TSSOP and Exposed-DAP WQFN Packages

KEY SPECIFICATIONS
• PO at 1% THD+N low–
LM4866LQ, 3Ω load: 2.5W(typ)
– LM4866LQ, 4Ω load: 2.2W(typ)
– LM4866MTE, 3Ω load: 2.5W(typ)
– LM4866MTE, 4Ω load: 2.2W(typ)
– LM4866MTE, 8Ω load: 1.1W(typ)
– LM4866MT, 8Ω load: 1.1W(typ)
• Shutdown current: 0.7μA(typ)
• Supply voltage range: 2.0V to 5.5V

APPLICATIONS
• Multimedia Monitors
• Portable and Desktop Computers
• Portable Televisions

DESCRIPTION
The LM4866 is a bridge-connected (BTL) stereo
audio power amplifier which, when connected to a 5V
supply, delivers 2.2W to a 4Ω load or 2.5W to a 3Ω
load with less than 1.0% THD+N (see Notes below).
With the LM4866 packaged in the WQFN, the
customer benefits include low thermal impedance,
low profile, and small size. This package minimizes
PCB area and maximizes output power.
The LM4866 features an externally controlled, low–
power consumption shutdown mode, and thermal
shutdown protection. It also utilizes circuitry to reduce
“clicks and pops” during device turn-on.
Boomer audio power amplifiers are designed
specifically to use few external components and
provide high quality output power in a surface mount
package.
Note: An LM4866PWP or LM4866NHW that has
been properly mounted to a circuit board will deliver
2.2W into 4Ω. The other package options for the
LM4866 will deliver 1.1W into 8Ω. See the Application
Information sections for further information
concerning the LM4866PWP and LM4866NHW.
Note: An LM4866PWP or LM4866NHW that has
been properly mounted to a circuit board will deliver
2.5W into 3Ω.




Similar Part No. - LM4866MTE/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4866MTE/NOPB TI1-LM4866MTE/NOPB Datasheet
1Mb / 29P
2.2W Stereo Audio Amplifier
More results


Similar Description - LM4866MTE/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
LM4866 NSC-LM4866 Datasheet
644Kb / 21P
2.2W Stereo Audio Amplifier
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
Stereo 2.2W Audio Power Amplifier
logo
Global Mixed-mode Techn...
G1426 GMT-G1426 Datasheet
309Kb / 13P
2.2W Stereo Audio Amplifier
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
Stereo 2.2W Audio Power Amplifier
logo
Unisonic Technologies
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
2.2W Stereo Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM4863 HMSEMI-HM4863 Datasheet
1Mb / 21P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com