Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48824TMX/NOPB Datasheet (PDF) - Texas Instruments

LM48824TMX/NOPB Datasheet PDF - Texas Instruments
Part # LM48824TMX/NOPB
Download  LM48824TMX/NOPB Download
File Size   1027.58 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48824 Class G Headphone Amplifier with I2C Volume Control

LM48824TMX/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48824TMX/NOPB Datasheet PDF - Texas Instruments

Part # LM48824TMX/NOPB
Download  LM48824TMX/NOPB Click to download

File Size   1027.58 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48824 Class G Headphone Amplifier with I2C Volume Control

LM48824TMX/NOPB Datasheet (HTML) - Texas Instruments


LM48824TMX/NOPB Product details

1FEATURES
2• Class G Power Savings
• Ground Referenced Headphone Outputs –
Eliminates Output Coupling Capacitors
• Common-Mode Sense
• I2C Volume and Mode Control
• High Output Impedance in Shutdown
• Differential Inputs
• Advanced Click-and-Pop Suppression
• Low Supply Current
• Low THD Mode Option

APPLICATIONS
• Mobile Phones, PDAs, MP3 Players
• Portable Electronic Devices, Notebook PCs

KEY SPECIFICATIONS
• Quiescent Power Supply Current at 3.6V:
0.9mA (typ)
• Output Power/Channel at VDD = 3.6V (RL = 16Ω,
THD+N ≤ 1%): 37 mW (Typ)
• Output Power/Channel at VDD = 3.6V (RL = 32Ω,
THD+N ≤ 1%): 29 mW (Typ)
• PSRR at 217Hz: 100 dB (Typ)
• Shutdown Current: 2.5 μA (Typ)

DESCRIPTION
The LM48824 is a Class G, ground-referenced stereo
headphone amplifier designed for portable devices.
The LM48824 features TI’s ground-referenced
architecture, which eliminates the large DC blocking
capacitors required by traditional headphone
amplifiers, saving board space and minimizing
system cost.
The LM48824 takes advantage of TI’s patent-pending
Class G architecture offering power savings
compared to a traditional Class AB headphone
amplifier. Additionally, output noise is improved by
common-mode sensing that corrects for any
differences between the amplifier ground and the
potential at the headphone return terminal, minimizing noise created by any ground mismatches.
A high output impedance mode allows the LM48824's
outputs to be driven by an external source without
degrading the signal. Other features include flexible
power supply requirements, differential inputs for
improved noise rejection, a low power (2.5μA)
shutdown mode, and a 32-step I2C volume control
with mute function.
The LM48824's superior click and pop suppression
eliminates audible transients on power-up/down and
during shutdown. The LM48824 is available in an
ultra-small 16-bump, 0.4mm pitch DSBGA package
1.69mm x 1.69mm)




Similar Part No. - LM48824TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48824TMX/NOPB TI1-LM48824TMX/NOPB Datasheet
1Mb / 29P
Class G Headphone Amplifier with I2C Volume Control
More results


Similar Description - LM48824TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9726 MAXIM-MAX9726 Datasheet
525Kb / 26P
DirectDrive, Headphone Amplifier with BassMax, I2C, Volume and Gain Control
Rev 0; 9/06
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
National Semiconductor ...
LM48824 NSC-LM48824 Datasheet
1Mb / 28P
Class G Headphone Amplifier with I2C Volume Control
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
LM48824 TI1-LM48824 Datasheet
1Mb / 29P
Class G Headphone Amplifier with I2C Volume Control
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
logo
STMicroelectronics
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com