Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2902MX/NOPB.B Datasheet (PDF) - Texas Instruments

LP2902MX/NOPB.B Datasheet PDF - Texas Instruments
Part # LP2902MX/NOPB.B
Download  LP2902MX/NOPB.B Download
File Size   1046.82 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP324-N/LP2902-N Micropower Quad Operational Amplifier

LP2902MX/NOPB.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2902MX/NOPB.B Datasheet PDF - Texas Instruments

Part # LP2902MX/NOPB.B
Download  LP2902MX/NOPB.B Click to download

File Size   1046.82 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP324-N/LP2902-N Micropower Quad Operational Amplifier

LP2902MX/NOPB.B Datasheet (HTML) - Texas Instruments


LP2902MX/NOPB.B Product details

1FEATURES
2• Low Supply Current: 85μA (typ)
• Low Offset Voltage: 2mV (typ)
• Low Input Bias Current: 2nA (typ)
• Input Vommon Mode to GND
• Interfaces to CMOS Logic
• Wide Supply Range: 3V < V+ < 32V
• Small Outline Package Available
• Pin-for-pin Compatible with LM324

DESCRIPTION
The LP324-N series consists of four independent,
high gain internally compensated micropower
operational amplifiers. These amplifiers are specially
suited for operation in battery systems while
maintaining good input specifications, and extremely
low supply current drain. In addition, the LP324-N has an input common mode range, and output source
range which includes ground, making it ideal in single
supply applications.
These amplifiers are ideal in applications which
include portable instrumentation, battery backup
equipment, and other circuits which require good DC
performance and low supply current.




Similar Part No. - LP2902MX/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2902MX/NOPB TI1-LP2902MX/NOPB Datasheet
1Mb / 18P
LP324-N/LP2902-N Micropower Quad Operational Amplifier
More results


Similar Description - LP2902MX/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
Micropower Quad Operational Amplifier
LP324MX TI1-LP324MX Datasheet
1Mb / 18P
LP324-N/LP2902-N Micropower Quad Operational Amplifier
logo
Analog Devices
OP420CY AD-OP420CY Datasheet
111Kb / 8P
Quad Micropower Operational Amplifier
REV. A
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP420 AD-OP420_15 Datasheet
121Kb / 8P
Quad Micropower Operational Amplifier
REV. A
logo
Texas Instruments
LP2902-N TI1-LP2902-N Datasheet
1Mb / 18P
Micropower Quad Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com