Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2902MX/NOPB.B Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2902MX/NOPB.B
Description  LP324-N/LP2902-N Micropower Quad Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2902MX/NOPB.B Datasheet(HTML) 1 Page - Texas Instruments

  LP2902MX/NOPB.B Datasheet HTML 1Page - Texas Instruments LP2902MX/NOPB.B Datasheet HTML 2Page - Texas Instruments LP2902MX/NOPB.B Datasheet HTML 3Page - Texas Instruments LP2902MX/NOPB.B Datasheet HTML 4Page - Texas Instruments LP2902MX/NOPB.B Datasheet HTML 5Page - Texas Instruments LP2902MX/NOPB.B Datasheet HTML 6Page - Texas Instruments LP2902MX/NOPB.B Datasheet HTML 7Page - Texas Instruments LP2902MX/NOPB.B Datasheet HTML 8Page - Texas Instruments LP2902MX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LP2902-N, LP324-N
www.ti.com
SNOSBX6C – SEPTEMBER 1999 – REVISED MARCH 2013
LP324-N/LP2902-N Micropower Quad Operational Amplifier
Check for Samples: LP2902-N, LP324-N
1
FEATURES
DESCRIPTION
The LP324-N series consists of four independent,
2
•
Low Supply Current:
85
μA (typ)
high
gain
internally
compensated
micropower
•
Low Offset Voltage:
2mV (typ)
operational amplifiers. These amplifiers are specially
•
Low Input Bias Current:
2nA (typ)
suited
for
operation
in
battery
systems
while
maintaining good input specifications, and extremely
•
Input Vommon Mode to GND
low supply current drain. In addition, the LP324-N has
•
Interfaces to CMOS Logic
an input common mode range, and output source
•
Wide Supply Range:
3V < V+ < 32V
range which includes ground, making it ideal in single
supply applications.
•
Small Outline Package Available
•
Pin-for-pin Compatible with LM324
These amplifiers are ideal in applications which
include
portable
instrumentation,
battery
backup
equipment, and other circuits which require good DC
performance and low supply current.
Connection Diagram
Figure 1. 14-Lead SOIC
Figure 2. 14-Pin TSSOP
See NFF0014A or D Package
See PW Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2902MX/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2902MX/NOPB TI1-LP2902MX/NOPB Datasheet
1Mb / 18P
LP324-N/LP2902-N Micropower Quad Operational Amplifier
More results

Similar Description - LP2902MX/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
Micropower Quad Operational Amplifier
LP324MX TI1-LP324MX Datasheet
1Mb / 18P
LP324-N/LP2902-N Micropower Quad Operational Amplifier
logo
Analog Devices
OP420CY AD-OP420CY Datasheet
111Kb / 8P
Quad Micropower Operational Amplifier
REV. A
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP420 AD-OP420_15 Datasheet
121Kb / 8P
Quad Micropower Operational Amplifier
REV. A
logo
Texas Instruments
LP2902-N TI1-LP2902-N Datasheet
1Mb / 18P
Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com