Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8640 Datasheet (PDF) - Texas Instruments

LMP8640 Datasheet PDF - Texas Instruments
Part # LMP8640
Download  LMP8640 Download
File Size   1029.13 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers

LMP8640 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP8640 Datasheet PDF - Texas Instruments

Part # LMP8640
Download  LMP8640 Click to download

File Size   1029.13 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers

LMP8640 Datasheet (HTML) - Texas Instruments


LMP8640 Product details

1 Features
1• Typical Values, TA = 25°C
• High Common-Mode Voltage Range
– LMP8640: -2 V to 42 V
– LMP8640-Q1: -2 V to 42 V, AEC-Q100
– LMP8640HV: -2 V to 76 V
• Supply Voltage Range: 2.7 V to 12 V
• Gain Options: 20 V/V; 50 V/V; 100 V/V
• Max Gain Error: 0.25%
• Low Offset Voltage: 900 μV
• Input Bias Current: 13 μA
• PSRR: 85 dB
• CMRR (2.1V to 42V): 103 dB
• Temperature Range: -40°C to 125°C
• 6-Pin Thin SOT-23 Package

2 Applications
• High-Side Current Sense
• Vehicle Current Measurement
• Motor Controls
• Battery Monitoring
• Remote Sensing
• Power Management

3 Description
The LMP8640, LMP8640-Q1 and the LMP8640HV
are precision current sense amplifiers that detect small differential voltages across a sense resistor in
the presence of high input common mode voltages
with a supply voltage range from 2.7 V to 12 V.
The LMP8640 and LMP8640-Q1 accept input signals
with common mode voltage range from -2 V to 42 V,
while the LMP8640HV accepts input signal with common mode voltage range from -2 V to 76 V. The
LMP8640 and LMP8640HV have fixed gain for
applications that demand accuracy over temperature.
The LMP8640 and LMP8640HV come out with three different fixed gains 20 V/V, 50 V/V, 100 V/V ensuring
a gain accuracy as low as 0.25%. The output is
buffered in order to provide low output impedance.
This high side current sense amplifier is ideal for
sensing and monitoring currents in DC or battery powered systems, excellent AC and DC
specifications over temperature, and keeps errors in
the current sense loop to a minimum. The LMP8640
and LMP8640HV are ideal choice for industrial and
consumer applications, while the LMP8640-Q1 is an AEC-Q100 grade 1 qualified version of the LMP8640
for automotive applications. The LMP8640-x is
available in SOT-23-6 package.




Similar Part No. - LMP8640

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640 TI1-LMP8640 Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640 TI1-LMP8640 Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640 TI1-LMP8640 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
LMP8640 TI2-LMP8640 Datasheet
1Mb / 33P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
REVISED NOVEMBER 2014
More results


Similar Description - LMP8640

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640 TI-LMP8640_15 Datasheet
1Mb / 32P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
LMP8640HV TI-LMP8640HV_15 Datasheet
1Mb / 32P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com