Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX471 Datasheet (PDF) - Maxim Integrated Products

MAX471 Datasheet PDF - Maxim Integrated Products
Part # MAX471
Download  MAX471 Download
File Size   120.78 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, High-Side Current-Sense Amplifiers

MAX471 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX471 Datasheet PDF - Maxim Integrated Products

Part # MAX471
Download  MAX471 Click to download

File Size   120.78 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, High-Side Current-Sense Amplifiers

MAX471 Datasheet (HTML) - Maxim Integrated Products


MAX471 Product details

General Description

The MAX471/MAX472 are complete, bidirectional, high side current-sense amplifiers for portable PCs, tele

phones, and other systems where battery/DC power-line monitoring is critical. High-side power-line  monitoring is especially useful in battery-powered systems, since it does not interfere with the ground paths of the battery chargers or monitors often found in “smart” batteries.



Features

♦Complete High-Side Current Sensing

♦Precision Internal Sense Resistor (MAX471)

♦2% Accuracy Over Temperature

♦Monitors Both Charge and Discharge

♦3A Sense Capability with Internal Sense Resistor (MAX471)

♦Higher Current-Sense Capability with External Sense Resistor (MAX472)

♦100µA Max Supply Current

♦18µA Max Shutdown Mode

♦3V to 36V Supply Operation

♦8-Pin DIP/SO Packages



Applications

Portable PCs: Notebooks/Subnotebooks/Palmtops

Smart Battery Packs

Cellular Phones

Portable Phones

Portable Test/Measurement Systems

Battery-Operated Systems

Energy Management Systems




Similar Part No. - MAX471

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711-MAX4713 MAXIM-MAX4711-MAX4713 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711CPE MAXIM-MAX4711CPE Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711CPE MAXIM-MAX4711CPE Datasheet
894Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results


Similar Description - MAX471

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922 Datasheet
406Kb / 14P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 0; 3/09
MAX9922 MAXIM-MAX9922_10 Datasheet
356Kb / 15P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
logo
Texas Instruments
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Linear Technology
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com