Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9922 Datasheet (PDF) - Maxim Integrated Products

MAX9922 Datasheet PDF - Maxim Integrated Products
Part # MAX9922
Download  MAX9922 Download
File Size   406.28 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Precision, High-Side Current-Sense Amplifiers

MAX9922 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9922 Datasheet PDF - Maxim Integrated Products

Part # MAX9922
Download  MAX9922 Click to download

File Size   406.28 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Precision, High-Side Current-Sense Amplifiers

MAX9922 Datasheet (HTML) - Maxim Integrated Products


MAX9922 Product details

General Description
The MAX9922/MAX9923 ultra-precision, high-side current-sense amplifiers feature ultra-low offset voltage (VOS) of 25µV (max) and laser-trimmed gain accuracy better than 0.5%. The combination of low VOS and high-gain accuracy allows precise current measurements even at very small sense voltages.

Features
♦ Ultra-Precision VOS Over Temperature
    MAX9922: ±10µV (max)
    MAX9923T: ±25µV (max)
    MAX9923H: ±20µV (max)
    MAX9923F: ±10µV (max)
♦ ±0.5% (max) Full-Scale Gain Accuracy
♦ Bidirectional or Unidirectional ISENSE
♦ Multiple Gains Available
    Adjustable (MAX9922)
    +25V/V (MAX9923T)
    +100V/V (MAX9923H)
    +250V/V (MAX9923F)
♦ 1.9V to 28V Input Common-Mode Voltage, Independent of VDD
♦ Supply Voltage: +2.85V to +5.5V
♦ 700µA Supply Current, 1µA Shutdown Current
♦ Extended Temperature Range (-40°C to +85°C)
♦ Available in Space-Saving 10-Pin µMAX

Applications
    Notebook/Desktop Power Management
    Handheld Li+ Battery Current Monitoring
    Precision Current Sources




Similar Part No. - MAX9922

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922 Datasheet
356Kb / 15P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
MAX9922 MAXIM-MAX9922 Datasheet
132Kb / 7P
Fully Assembled and Tested
Rev 0; 3/09
logo
Analog Devices
MAX9922 AD-MAX9922 Datasheet
356Kb / 15P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1 1/10
logo
Maxim Integrated Produc...
MAX9922EUB+ MAXIM-MAX9922EUB+ Datasheet
356Kb / 15P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
logo
Analog Devices
MAX9922EUB+ AD-MAX9922EUB+ Datasheet
356Kb / 15P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1 1/10
More results


Similar Description - MAX9922

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922_10 Datasheet
356Kb / 15P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
logo
Texas Instruments
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Linear Technology
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com