Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9922 Datasheet (PDF) - Analog Devices

MAX9922 Datasheet PDF - Analog Devices
Part # MAX9922
Download  MAX9922 Download
File Size   356.47 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Precision, High-Side Current-Sense Amplifiers

MAX9922 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9922 Datasheet PDF - Analog Devices

Part # MAX9922
Download  MAX9922 Click to download

File Size   356.47 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Precision, High-Side Current-Sense Amplifiers

MAX9922 Datasheet (HTML) - Analog Devices


MAX9922 Product details

Features
♦ Ultra-Precision VOS Over Temperature
MAX9922: ±10μV (max)
MAX9923T: ±25μV (max)
MAX9923H: ±20μV (max)
MAX9923F: ±10μV (max)
♦ ±0.5% (max) Full-Scale Gain Accuracy
♦ Bidirectional or Unidirectional ISENSE
♦ Multiple Gains Available
Adjustable (MAX9922)
+25V/V (MAX9923T)
+100V/V (MAX9923H)
+250V/V (MAX9923F)
♦ 1.9V to 28V Input Common-Mode Voltage,
Independent of VDD
♦ Supply Voltage: +2.85V to +5.5V
♦ 700μA Supply Current, 1μA Shutdown Current
♦ Extended Temperature Range (-40°C to +85°C)
♦ Available in Space-Saving 10-Pin μMAX




Similar Part No. - MAX9922

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922 Datasheet
406Kb / 14P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 0; 3/09
MAX9922 MAXIM-MAX9922 Datasheet
356Kb / 15P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
MAX9922 MAXIM-MAX9922 Datasheet
132Kb / 7P
Fully Assembled and Tested
Rev 0; 3/09
MAX9922EUB+ MAXIM-MAX9922EUB+ Datasheet
406Kb / 14P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 0; 3/09
MAX9922EUB+ MAXIM-MAX9922EUB+ Datasheet
356Kb / 15P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
More results


Similar Description - MAX9922

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922 Datasheet
406Kb / 14P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 0; 3/09
MAX9922 MAXIM-MAX9922_10 Datasheet
356Kb / 15P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
logo
Texas Instruments
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Linear Technology
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com