Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804271 Datasheet (PDF) - PHOENIX CONTACT

0804271 Datasheet PDF - PHOENIX CONTACT
Part # 0804271
Download  0804271 Download
File Size   253.05 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description E/NS 35 N BK - End bracket

0804271 Datasheet (PDF)

Go To PDF Page Download Datasheet
0804271 Datasheet PDF - PHOENIX CONTACT

Part # 0804271
Download  0804271 Click to download

File Size   253.05 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description E/NS 35 N BK - End bracket

0804271 Datasheet (HTML) - PHOENIX CONTACT


0804271 Product details

End bracket, material: PA, mounting type: NS 35/7,5, NS 35/15, color: black




Similar Part No. - 0804271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804278 PHOENIX-0804278 Datasheet
178Kb / 4P
NS 35/ 7,5 ZN PERF (18X5,2) 2M - DIN rail perforated
More results


Similar Description - 0804271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0204107 PHOENIX-0204107 Datasheet
45Kb / 2P
Step bracket - STL 35/ 5 - 0204107
logo
Weidmuller
0271800000 WEIDMULLER-0271800000 Datasheet
51Kb / 1P
Modular terminal, accessories, End plate with end bracket
0271900000 WEIDMULLER-0271900000 Datasheet
50Kb / 1P
Modular terminal, accessories, End plate with end bracket
logo
PHOENIX CONTACT
3274057 PHOENIX-3274057 Datasheet
50Kb / 2P
DIN rail adapter, with end stop function, width: 10.3 mm, height: 12 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
2854186 PHOENIX-2854186 Datasheet
124Kb / 9P
Can be snapped onto standard NS 35/7,5 and NS 35/15 DIN rails
logo
Weidmuller
1059000000 WEIDMULLER-1059000000 Datasheet
339Kb / 4P
W-Series, End bracket
October 6, 2021
7920340000 WEIDMULLER-7920340000 Datasheet
251Kb / 5P
Accessories, End bracket
November 9, 2021
logo
PHOENIX CONTACT
1201675 PHOENIX-1201675 Datasheet
43Kb / 2P
End clamp - E/UKT-NS 32/35
11/22/13
1202577 PHOENIX-1202577 Datasheet
68Kb / 4P
End clamp - E/UK-NS 35
07.08.2012
2706700 PHOENIX-2706700 Datasheet
53Kb / 3P
Cover - ME B-SA/NS 35 KMGY
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com