Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804278 Datasheet (PDF) - PHOENIX CONTACT

0804278 Datasheet PDF - PHOENIX CONTACT
Part # 0804278
Download  0804278 Download
File Size   178.03 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NS 35/ 7,5 ZN PERF (18X5,2) 2M - DIN rail perforated

0804278 Datasheet (PDF)

Go To PDF Page Download Datasheet
0804278 Datasheet PDF - PHOENIX CONTACT

Part # 0804278
Download  0804278 Click to download

File Size   178.03 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NS 35/ 7,5 ZN PERF (18X5,2) 2M - DIN rail perforated

0804278 Datasheet (HTML) - PHOENIX CONTACT


0804278 Product details

DIN rail perforated, Hole size: 5.2 mm x 18 mm, acc. to EN 60715, material: Steel, galvanized,
Standard profile, color: silver-colored




Similar Part No. - 0804278

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804271 PHOENIX-0804271 Datasheet
253Kb / 5P
E/NS 35 N BK - End bracket
More results


Similar Description - 0804278

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0514570000 WEIDMULLER-0514570000 Datasheet
186Kb / 1P
TS 35X7.5/LL/6 2M/ST/ZN TRAGSCHIENE MOUNTING RAIL
logo
PHOENIX CONTACT
3274054 PHOENIX-3274054 Datasheet
51Kb / 2P
DIN rail adapter, width: 28.6 mm, height: 11 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
3274057 PHOENIX-3274057 Datasheet
50Kb / 2P
DIN rail adapter, with end stop function, width: 10.3 mm, height: 12 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
2854186 PHOENIX-2854186 Datasheet
124Kb / 9P
Can be snapped onto standard NS 35/7,5 and NS 35/15 DIN rails
2970031 PHOENIX-2970031 Datasheet
84Kb / 3P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
0807012 PHOENIX-0807012 Datasheet
62Kb / 3P
DIN rail perforated - NS 35/ 7,5 PERF 1000MM
09/11/2020
1207658 PHOENIX-1207658 Datasheet
66Kb / 3P
DIN rail perforated - NS 35/15 PERF 1000MM
09/11/2020
logo
FIBOX Enclosing innovat...
5514082 FIBOX-5514082 Datasheet
52Kb / 1P
DIN-35 Mounting rail, for enclosures
17.01.2023
8524032 FIBOX-8524032 Datasheet
42Kb / 1P
DIN-35 Mounting rail, for enclosures
17.01.2023
8524033 FIBOX-8524033 Datasheet
42Kb / 1P
DIN-35 Mounting rail, for enclosures
17.01.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com