Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA16 Datasheet (PDF) - STMicroelectronics

BTA16 Datasheet PDF - STMicroelectronics
Part # BTA16
Download  BTA16 Download
File Size   67.48 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STANDARD TRIACS

BTA16 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA16 Datasheet PDF - STMicroelectronics

Part # BTA16
Download  BTA16 Click to download

File Size   67.48 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STANDARD TRIACS

BTA16 Datasheet (HTML) - STMicroelectronics


BTA16 Product details

DESCRIPTION

The BTA/BTB16 B triac family are high performance glass passivated PNPN devices.

These parts are suitables for general purpose applications where high surge current capability is required. Application such as phase control and static switching on inductive or resistive load.



FEATURES

. HIGH SURGE CURRENT CAPABILITY

. COMMUTATION : (dV/dt)c > 10V/µs

. BTA Family :

  INSULATING VOLTAGE = 2500V(RMS) (UL RECOGNIZED : E81734)



 




Similar Part No. - BTA16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
logo
Suntac Electronic Corp.
BTA16 SUNTAC-BTA16 Datasheet
83Kb / 4P
16A Triacs logic level
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
116Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
logo
JIEJIE MICROELECTRONICS...
BTA16 JIEJIE-BTA16 Datasheet
692Kb / 6P
16A TRIACs
logo
Comset Semiconductor
BTA16 COMSET-BTA16 Datasheet
156Kb / 3P
TRIAC
More results


Similar Description - BTA16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40A STMICROELECTRONICS-BTA40A Datasheet
65Kb / 5P
STANDARD TRIACS
Mar-1995
BTA41A STMICROELECTRONICS-BTA41A Datasheet
74Kb / 5P
STANDARD TRIACS
Mar-1995
BTB24B STMICROELECTRONICS-BTB24B Datasheet
67Kb / 4P
STANDARD TRIACS
Oct-1998
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
STANDARD TRIACS
BTA06B STMICROELECTRONICS-BTA06B Datasheet
64Kb / 5P
STANDARD TRIACS
Mar-1995
Z0410 STMICROELECTRONICS-Z0410 Datasheet
78Kb / 6P
STANDARD TRIACS
Jan-1995
BTA12B STMICROELECTRONICS-BTA12B Datasheet
65Kb / 5P
STANDARD TRIACS
Mar-1995
BTA41-700BRG STMICROELECTRONICS-BTA41-700BRG Datasheet
68Kb / 5P
STANDARD TRIACS
Mar-1995
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
STANDARD TRIACS
Mar-1995
T16XXXH STMICROELECTRONICS-T16XXXH Datasheet
1Mb / 5P
STANDARD TRIACS
Jan-1995
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com