Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA615 Datasheet (PDF) - Texas Instruments

OPA615 Datasheet PDF - Texas Instruments
Part # OPA615
Download  OPA615 Download
File Size   1046.5 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wide-Bandwidth, DC Restoration Circuit

OPA615 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA615 Datasheet PDF - Texas Instruments

Part # OPA615
Download  OPA615 Click to download

File Size   1046.5 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wide-Bandwidth, DC Restoration Circuit

OPA615 Datasheet (HTML) - Texas Instruments


OPA615 Product details

1FEATURES
2• PROPAGATION DELAY: 1.9ns
• BANDWIDTH:
OTA: 710MHz
Comparator: 730MHz
• LOW INPUT BIAS CURRENT: ±1μA
• SAMPLE-AND-HOLD SWITCHING
TRANSIENTS: ±5mV
• SAMPLE-AND-HOLD FEEDTHROUGH
REJECTION: 100dB
• CHARGE INJECTION: 40fC
• HOLD COMMAND DELAY TIME: 2.5ns
• TTL/CMOS HOLD CONTROL

APPLICATIONS
• BROADCAST/HDTV EQUIPMENT
• TELECOMMUNICATIONS EQUIPMENT
• HIGH-SPEED DATA ACQUISITION
• CAD MONITORS/CCD IMAGE PROCESSING
• NANOSECOND PULSE INTEGRATOR/PEAK
DETECTOR
• PULSE CODE MODULATOR/DEMODULATOR
• COMPLETE VIDEO DC LEVEL RESTORATION
• SAMPLE-AND-HOLD AMPLIFIER
• SHC615 UPGRADE

DESCRIPTION
The OPA615 is a complete subsystem for very fast
and precise DC restoration, offset clamping, and
low-frequency hum suppression of wideband
amplifiers or buffers. Although it is designed to
stabilize the performance of video signals, the circuit
can also be used as a sample-and-hold amplifier,
high-speed integrator, or peak detector for
nanosecond pulses. The device features a wideband
Operational Transconductance Amplifier (OTA) with a
high-impedance cascode current source output and
fast and precise sampling comparator that together
set a new standard for high-speed applications. Both
the OTA and the sampling comparator can be used
as stand-alone circuits or combined to form a more
complex signal processing stage. The self-biased,
bipolar OTA can be viewed as an ideal voltage-controlled current source and is optimized for
low input bias current. The sampling comparator has
two identical high-impedance inputs and a current
source output optimized for low output bias current
and offset voltage; it can be controlled by a
TTL-compatible switching stage within a few
nanoseconds. The transconductance of the OTA and
sampling comparator can be adjusted by an external
resistor, allowing bandwidth, quiescent current, and
gain trade-offs to be optimized.
The OPA615 is available in both an SO-14
surface-mount and an MSOP-10 package.




Similar Part No. - OPA615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA615 TI-OPA615 Datasheet
642Kb / 26P
Wide-Bandwidth, DC Restoration Circuit
OPA615ID TI-OPA615ID Datasheet
642Kb / 26P
Wide-Bandwidth, DC Restoration Circuit
OPA615IDG4 TI-OPA615IDG4 Datasheet
642Kb / 26P
Wide-Bandwidth, DC Restoration Circuit
OPA615IDGSR TI-OPA615IDGSR Datasheet
642Kb / 26P
Wide-Bandwidth, DC Restoration Circuit
OPA615IDGST TI-OPA615IDGST Datasheet
642Kb / 26P
Wide-Bandwidth, DC Restoration Circuit
More results


Similar Description - OPA615

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC615 BURR-BROWN-SHC615 Datasheet
299Kb / 19P
Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
VIDEO AMPLIFIER WITH DC RESTORATION
logo
Texas Instruments
OPA615 TI-OPA615 Datasheet
642Kb / 26P
Wide-Bandwidth, DC Restoration Circuit
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089_05 Datasheet
179Kb / 9P
VIDEO AMPLIFIER WITH DC RESTORATION
logo
Diodes Incorporated
ZXFV4089 DIODES-ZXFV4089 Datasheet
259Kb / 12P
Video amplifier with DC restoration
DECEMBER 2008
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
Wide Bandwidth
logo
Texas Instruments
SHC615 TI1-SHC615 Datasheet
226Kb / 20P
Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
Wide Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com