Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027 Datasheet (PDF) - Linear Technology

LTM8027 Datasheet PDF - Linear Technology
Part # LTM8027
Download  LTM8027 Download
File Size   433.63 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 60V, 4A DC/DC µModule® Regulator

LTM8027 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM8027 Datasheet PDF - Linear Technology

Part # LTM8027
Download  LTM8027 Click to download

File Size   433.63 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 60V, 4A DC/DC µModule® Regulator

LTM8027 Datasheet (HTML) - Linear Technology


LTM8027 Product details

Description
Demonstration circuit 1307B features the LTM®8027
configured to deliver 12V from a 16V to 60V input. The
wide input range of the LTM8027 allows a variety of input
sources such as automotive batteries, wall adaptors and
industrial supplies. The LTM8027 is a step down converter,
so a minimum amount of headroom is required to keep
the output in regulation. A soft-start feature controls the
output voltage slew rate at start-up, reducing current surges
and voltage overshoots. The current mode control scheme
creates fast transient response and good loop stability
The LTM8027 data sheet gives a complete description of
the part, operation and application information. The data
sheet must be read in conjunction with this manual before
working on or modifying demo circuit 1307B.




Similar Part No. - LTM8027

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8027 LINER-LTM8027 Datasheet
251Kb / 20P
60V, 4A DC/DC Module Regulator
LTM8027 LINER-LTM8027 Datasheet
245Kb / 16P
72VIN, 6 Output DC/DC SEPIC 關Module Regulator
LTM8027 LINER-LTM8027 Datasheet
357Kb / 28P
36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8027 LINER-LTM8027 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
LTM8027 LINER-LTM8027 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
More results


Similar Description - LTM8027

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM8027 LINER-LTM8027 Datasheet
251Kb / 20P
60V, 4A DC/DC Module Regulator
logo
Maxim Integrated Produc...
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
logo
Linear Technology
LTM4604 LINER-LTM4604_15 Datasheet
613Kb / 20P
Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4604A LINER-LTM4604A_15 Datasheet
825Kb / 22P
Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
14VIN, 4A Step-Down DC/DC Module Regulator
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
Dual, 26VIN, 4A DC/DC Module Regulator
LTM8027 LINER-LTM8027_15 Datasheet
470Kb / 22P
60V, 4A DC/DC Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com