Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC-01C Datasheet (PDF) - Multicomp Pro

PC-01C Datasheet PDF - Multicomp Pro
Part # PC-01C
Download  PC-01C Download
File Size   178.49 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Modular PCB Rack

PC-01C Datasheet (PDF)

Go To PDF Page Download Datasheet
PC-01C Datasheet PDF - Multicomp Pro

Part # PC-01C
Download  PC-01C Click to download

File Size   178.49 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Modular PCB Rack

PC-01C Datasheet (HTML) - Multicomp Pro


PC-01C Product details

Description
The product is designed to hold PC boards during all stages of assembly, cleaning and testing.
The width of the rack module is easily adjusted from 0 to 290mm by sliding one side panel along
the aluminium extrusion and tightening 2 screws. One meter lengths of extrusion are available to
allow construction of racks up to 970mm wide. The module is stackable in all directions so that
racks of unlimited height and depth may be constructed.
The plastic sides are anti-static so that sensitive devices may be safely stacked in PCBs without
special precautions other than earthing the rack.
The side panels are made from conductive plastic for use when highly sensitive integrated circuits
need protection against anti-static charges throughout all handling, up to soak test or burn-in.
Maximum operating temperature is +85°C (Softening point +140°C). Volume resistivity 50Ω cm.
Surface resistivity 103Ω.




Similar Part No. - PC-01C

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PC-01C MULTICOMP-PC-01C Datasheet
178Kb / 1P
Modular PCB Rack
09/06/22 V1.0
More results


Similar Description - PC-01C

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
EDS04RJ45-2X1-8X8-T9S YAMAICHI-EDS04RJ45-2X1-8X8-T9S Datasheet
142Kb / 1P
Modular Jacks (PCB Edge-Mounted, Shielded)
logo
Assmann Electronics Inc...
A-2004-2-4-LP ASSMANN-A-2004-2-4-LP Datasheet
51Kb / 1P
Modular Jack PCB
A-2004-2-4-LP-N-R ASSMANN-A-2004-2-4-LP-N-R Datasheet
51Kb / 1P
Modular Jack PCB
logo
Pulse A Technitrol Comp...
E5288-3FOB41-L PULSE-E5288-3FOB41-L Datasheet
67Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
E5288-310041-L PULSE-E5288-310041-L Datasheet
75Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
E5288-320044-L PULSE-E5288-320044-L Datasheet
92Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
logo
ORing Industrial Networ...
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RDS-P3000 ORING-RDS-P3000 Datasheet
297Kb / 5P
Industrial IEC 61850-3 modular rack mount Device Server
RGS-PR9000-A ORING-RGS-PR9000-A Datasheet
612Kb / 8P
Industrial advanced Layer 3 IEC 61850-3 modular rack mount
logo
PHOENIX CONTACT
1237697 PHOENIX-1237697 Datasheet
215Kb / 6P
SPT MODULAR - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com