Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237697 Datasheet (PDF) - PHOENIX CONTACT

1237697 Datasheet PDF - PHOENIX CONTACT
Part # 1237697
Download  1237697 Download
File Size   215.5 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPT MODULAR - PCB terminal block

1237697 Datasheet (PDF)

Go To PDF Page Download Datasheet
1237697 Datasheet PDF - PHOENIX CONTACT

Part # 1237697
Download  1237697 Click to download

File Size   215.5 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPT MODULAR - PCB terminal block

1237697 Datasheet (HTML) - PHOENIX CONTACT


1237697 Product details

PCB terminal block, modular, Push-in spring-cage connection, 3.5 mm ... 15 mm pitch, rated
current up to 125 A, rated voltage up to 1500 V, rated cross-section of 1.5 mm2 ... 35 mm2,
individual configuration

Your advantages
• Reduce power losses: Electric strength up to 1,500 V
• More color options: every pole can be colored according to your wishes
• Just a single component for every device connection: combine different individual elements and create your tailor-made connection block
• The easy way to your customized item: The online configurator
• Technical data can easily be accessed online: QR code on every product




Similar Part No. - 1237697

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
123769 ADELS-123769 Datasheet
152Kb / 2P
500 K/ 9 35 DS HT
123769M ADELS-123769M Datasheet
152Kb / 2P
500 K/ 9 35 MDS HT
More results


Similar Description - 1237697

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751066 PHOENIX-1751066 Datasheet
54Kb / 4P
PCB terminal block - SPT 2,5/ 1-H-5,0
1845344 PHOENIX-1845344 Datasheet
75Kb / 4P
PCB terminal block - SPT 35/ 2-V-15,00
1845360 PHOENIX-1845360 Datasheet
76Kb / 4P
PCB terminal block - SPT 35/ 4-V-15,00
1990737 PHOENIX-1990737 Datasheet
81Kb / 5P
PCB terminal block - SPT 1,5/ 2-H-3,5
1990753 PHOENIX-1990753 Datasheet
80Kb / 5P
PCB terminal block - SPT 1,5/ 4-H-3,5
1990902 PHOENIX-1990902 Datasheet
76Kb / 5P
PCB terminal block - SPT 1,5/ 7-V-3,5
1990944 PHOENIX-1990944 Datasheet
76Kb / 5P
PCB terminal block - SPT 1,5/11-V-3,5
1991079 PHOENIX-1991079 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/12-H-5,0
1991118 PHOENIX-1991118 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/ 4-V-5,0
1990850 PHOENIX-1990850 Datasheet
375Kb / 10P
PCB terminal block - SPT 1,5/ 2-V-3,5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com