Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237697 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1237697
Description  SPT MODULAR - PCB terminal block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237697 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  1237697 Datasheet HTML 1Page - PHOENIX CONTACT 1237697 Datasheet HTML 2Page - PHOENIX CONTACT 1237697 Datasheet HTML 3Page - PHOENIX CONTACT 1237697 Datasheet HTML 4Page - PHOENIX CONTACT 1237697 Datasheet HTML 5Page - PHOENIX CONTACT 1237697 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SZF 2-0,8X4,0 - Screwdriver
1204520
https://www.phoenixcontact.com/us/products/1204520
Actuation tool, for ST terminal blocks, also suitable for use as a bladed
screwdriver, size: 0.8 x 4.0 x 100 mm, 2-component grip, with non-slip grip
SZF 3-1,0X5,5 - Screwdriver
1206612
https://www.phoenixcontact.com/us/products/1206612
Actuation tool, for ST terminal blocks, also suitable for use as a bladed
screwdriver, size: 1.0 x 5.5 x 150 mm, 2-component grip, with non-slip grip
Phoenix Contact 2023 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
SPT MODULAR - PCB terminal block
1237697
https://www.phoenixcontact.com/us/products/1237697
Jun 14, 2023, 5:10 AM
Page 6 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com