Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237697 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237697
Description  SPT MODULAR - PCB terminal block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237697 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237697 Datasheet HTML 1Page - PHOENIX CONTACT 1237697 Datasheet HTML 2Page - PHOENIX CONTACT 1237697 Datasheet HTML 3Page - PHOENIX CONTACT 1237697 Datasheet HTML 4Page - PHOENIX CONTACT 1237697 Datasheet HTML 5Page - PHOENIX CONTACT 1237697 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB terminal block, modular, Push-in spring-cage connection, 3.5 mm ... 15 mm pitch, rated
current up to 125 A, rated voltage up to 1500 V, rated cross-section of 1.5 mm2 ... 35 mm2,
individual configuration
Your advantages
Reduce power losses: Electric strength up to 1,500 V
More color options: every pole can be colored according to your wishes
Just a single component for every device connection: combine different individual elements and create your tailor-made connection block
The easy way to your customized item: The online configurator
Technical data can easily be accessed online: QR code on every product
Commercial Data
Item number
1237697
Packing unit
1 pc
Minimum order quantity
10 pc
Note
Made to Order (non-returnable)
Sales Key
NULL
Product Key
AARMAA
Weight per Piece (including packing)
23 g
Customs tariff number
85369010
Country of origin
DE
SPT MODULAR - PCB terminal block
1237697
https://www.phoenixcontact.com/us/products/1237697
Jun 14, 2023, 5:10 AM
Page 1 (6)


Similar Part No. - 1237697

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
123769 ADELS-123769 Datasheet
152Kb / 2P
500 K/ 9 35 DS HT
123769M ADELS-123769M Datasheet
152Kb / 2P
500 K/ 9 35 MDS HT
More results

Similar Description - 1237697

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751066 PHOENIX-1751066 Datasheet
54Kb / 4P
PCB terminal block - SPT 2,5/ 1-H-5,0
1845344 PHOENIX-1845344 Datasheet
75Kb / 4P
PCB terminal block - SPT 35/ 2-V-15,00
1845360 PHOENIX-1845360 Datasheet
76Kb / 4P
PCB terminal block - SPT 35/ 4-V-15,00
1990737 PHOENIX-1990737 Datasheet
81Kb / 5P
PCB terminal block - SPT 1,5/ 2-H-3,5
1990753 PHOENIX-1990753 Datasheet
80Kb / 5P
PCB terminal block - SPT 1,5/ 4-H-3,5
1990902 PHOENIX-1990902 Datasheet
76Kb / 5P
PCB terminal block - SPT 1,5/ 7-V-3,5
1990944 PHOENIX-1990944 Datasheet
76Kb / 5P
PCB terminal block - SPT 1,5/11-V-3,5
1991079 PHOENIX-1991079 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/12-H-5,0
1991118 PHOENIX-1991118 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/ 4-V-5,0
1990850 PHOENIX-1990850 Datasheet
375Kb / 10P
PCB terminal block - SPT 1,5/ 2-V-3,5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com