Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237697 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1237697
Description  SPT MODULAR - PCB terminal block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237697 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1237697 Datasheet HTML 1Page - PHOENIX CONTACT 1237697 Datasheet HTML 2Page - PHOENIX CONTACT 1237697 Datasheet HTML 3Page - PHOENIX CONTACT 1237697 Datasheet HTML 4Page - PHOENIX CONTACT 1237697 Datasheet HTML 5Page - PHOENIX CONTACT 1237697 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Product properties
Product type
Printed circuit board terminal
Number of rows
1
Electrical properties
Degree of pollution
3
Rated voltage (III/2)
1000 V
Connection data
Conductor connection
Connection method
Push-in spring connection
Conductor cross section flexible
1.5 mm² ... 35 mm²
Stripping length
10 mm ... 25 mm
Mounting
Mounting type
Wave soldering
Material specifications
Material data - housing
Color ()
()
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Electrical tests
Air clearances and creepage distances |
Insulating material group
I
Rated insulation voltage (III/2)
1000 V
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C (Depending on the current carrying
capacity/derating curve)
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Packaging specifications
Type of packaging
packed in cardboard
SPT MODULAR - PCB terminal block
1237697
https://www.phoenixcontact.com/us/products/1237697
Jun 14, 2023, 5:10 AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com