Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1112 Datasheet (PDF) - ams AG

AS1112 Datasheet PDF - ams AG
Part # AS1112
Download  AS1112 Download
File Size   116.35 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 16-Channel LED Driver with Dot Correction and Greyscale PWM

AS1112 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1112 Datasheet PDF - ams AG

Part # AS1112
Download  AS1112 Click to download

File Size   116.35 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 16-Channel LED Driver with Dot Correction and Greyscale PWM

AS1112 Datasheet (HTML) - ams AG


AS1112 Product details

General Description

The AS1112 is a 16-channel, constant current-sink LEDdriver. Each of the 16 channels can be individually adjusted by 4096-step greyscale PWM brightness control and 64-step constant-current sink (dot correction). The dot correction circuitry adjusts the brightness variations between the AS1112 channels and other LED drivers. Greyscale control and dot correction circuitry are accessible via the SPI-compatible serial interface. A sin

gle external resistor sets the maximum current value of all 16 channels.



Key Features

16 Channels

Greyscale PWM Control: 12-Bit (4096 Steps)

Dot Correction: 6-Bit (64 Steps)

Drive Capability (Constant-Current Sink): 0 to 80mA

LED Power Supply Voltage: Up to 15V

Supply Voltage Range: 3.0 to 5.5 V

SPI-Compatible Serial Interface

Controlled In-Rush Current

Data Transfer & PWM Clock Rate: up to 30 MHz

CMOS Level I/O

Diagnostic Features

 - LED Open/Short Detection

 - Overtemperature Flag

32-pin TQFN 5x5 mm Package



Applications

The device is ideal for mono-, multi-, and full-color LED displays, LED signboards, and display backlights.




Similar Part No. - AS1112

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1112 AMSCO-AS1112 Datasheet
611Kb / 18P
16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
1Mb / 20P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
TEXAS ADVANCED OPTOELEC...
AS1112 TAOS-AS1112 Datasheet
1Mb / 20P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
ams-OSRAM AG
AS1112 AMSOSRAM-AS1112 Datasheet
1Mb / 21P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
Revision 1.13
logo
ams AG
AS1112-BQFT AMSCO-AS1112-BQFT Datasheet
1Mb / 20P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
More results


Similar Description - AS1112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1112 AMSCO-AS1112_1 Datasheet
611Kb / 18P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com