Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1112 Datasheet (PDF) - ams-OSRAM AG

AS1112 Datasheet PDF - ams-OSRAM AG
Part # AS1112
Download  AS1112 Download
File Size   1512.24 Kbytes
Page   21 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM

AS1112 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1112 Datasheet PDF - ams-OSRAM AG

Part # AS1112
Download  AS1112 Click to download

File Size   1512.24 Kbytes
Page   21 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM

AS1112 Datasheet (HTML) - ams-OSRAM AG


AS1112 Product details

1 General Description
The AS1112 is a 16-channel, constant current-sink LED driver. Each
of the 16 channels can be individually adjusted by 4096-step
greyscale PWM brightness control and 64-step constant-current sink
(dot correction).
The dot correction circuitry adjusts the brightness variations between
the AS1112 channels and other LED drivers. Greyscale control and
dot correction circuitry are accessible via the SPI-compatible serial
interface. A single external resistor sets the maximum current value
of all 16 channels.
The open & short LED detection function indicates a broken, shorted
or disconnected LED at one or more of the outputs. The overtemperature
flag indicates that the device is in an overtemperature condition.
2 Key Features
 16 Channels
 Greyscale PWM Control: 12-Bit (4096 Steps)
 Dot Correction: 6-Bit (64 Steps)
 Drive Capability (Constant-Current Sink): 0 to 100mA
 LED Power Supply Voltage: Up to 15V
 Supply Voltage Range: 3.0 to 5.5 V
 SPI-Compatible Serial Interface
 Controlled In-Rush Current
 Data Transfer & PWM Clock Rate: up to 30 MHz
 CMOS Level I/O
 Diagnostic Features
- LED Open/Short Detection
- Overtemperature Flag
 32-pin TQFN 5x5 mm Package
3 Applications
The device is ideal for mono-, multi-, and full-color LED displays,
LED signboards, and display backlights.




Similar Part No. - AS1112

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
611Kb / 18P
16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
1Mb / 20P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
TEXAS ADVANCED OPTOELEC...
AS1112 TAOS-AS1112 Datasheet
1Mb / 20P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
ams AG
AS1112-BQFT AMSCO-AS1112-BQFT Datasheet
1Mb / 20P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
More results


Similar Description - AS1112

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1720 AMSCO-AS1720 Datasheet
603Kb / 12P
Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
AS1112 AMSCO-AS1112_12 Datasheet
1Mb / 20P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
AS1115 AMSCO-AS1115_12 Datasheet
3Mb / 26P
64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
AS1116 AMSCO-AS1116_12 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
AS1118 AMSCO-AS1118 Datasheet
1Mb / 21P
64 LED Dr iver for Mobi le Appl ications wi th Er ror Detect ion
AS1122 AMSCO-AS1122 Datasheet
4Mb / 23P
12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
AS1123 AMSCO-AS1123 Datasheet
2Mb / 25P
Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
AS1130 AMSCO-AS1130 Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
logo
TEXAS ADVANCED OPTOELEC...
AS1112 TAOS-AS1112 Datasheet
1Mb / 20P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
AS1116 TAOS-AS1116 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com